Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA1401A Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # PCA1401A
Description  PHASE LOCKED LOOP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

PCA1401A Datasheet(HTML) 1 Page - Z-Communications, Inc

  PCA1401A_10 Datasheet HTML 1Page - Z-Communications, Inc PCA1401A_10 Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
100
1000
10000
100000
PCA1401A
Fixed Wireless Broadband Equipment
Point-to-Point Microwave Radio
Satellite Communication Systems
5
35
1401
-70
-103
-15
3
2
-40 to 85
Frequency Range
Harmonic Suppression (2nd, typ.)
Sideband Spurs (typ.)
Switching Speed (typ., adjacent channel)
Startup Lock Time (typ.)
Operating Temperature Range
Package Style
CPLL
MHz
dBc
dBc
mSec
mSec
°C
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc, typ.)
All specifications are typical unless otherwise noted and subject to change without notice.
PHASE NOISE (1 Hz BW, typical)
© Z-Communications, Inc.
All rights reserved
Page 1
PHASE LOCKED LOOP
FEATURES
APPLICATIONS
PERFORMANCE SPECIFICATIONS
VALUE
UNITS
POWER SUPPLY REQUIREMENTS
APPLICATION NOTES
1401
MHz
• Step Size:
1000 KHz
- Style Package
CPLL
A1
Rev
AN-107 : How to Solder Z-COMM VCOs / PLLs
AN-202 : PLL Functional Description
NOTES:
Reference Oscillator Signal: 5 MHz<
<100 MHz
Frequency Synthesizer: Analog Devices - ADF4113
14118 Stowe Drive, Suite B | Poway, CA 92064
TEL: (858) 621-2700 | FAX: (858) 486-1927
Power Output
0±2
dBm
Load Impedance
50
Step Size
1000
kHz
1250
1402
-
• Frequency Range:
-
1402
Charge Pump Output Current
Phase Noise @ 10 kHz offset (1 Hz BW, typ.)
dBc/Hz


Similar Part No. - PCA1401A_10

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PCA1401A ZCOMM-PCA1401A Datasheet
56Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
More results

Similar Description - PCA1401A_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com