Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF601T2D Datasheet(PDF) 3 Page - Rohm

Part # RF601T2D
Description  Fast recovery diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF601T2D Datasheet(HTML) 3 Page - Rohm

  RF601T2D_11 Datasheet HTML 1Page - Rohm RF601T2D_11 Datasheet HTML 2Page - Rohm RF601T2D_11 Datasheet HTML 3Page - Rohm RF601T2D_11 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RF601T2D
 
0
5
10
15
0
25
50
75
100
125
150
Sin(
=180)
D=1/2
DC
AMBIENT TEMPERATURE:Ta(
C)
Derating Curve"(Io-Ta)
CASE TEMPARATURE:Tc(
C)
Derating Curve"(Io-Tc)
0
5
10
15
0
25
50
75
100
125
150
DC
D=1/2
Sin(
=180)
T
Tj=150
C
D=t/T
t
VR
Io
VR=100V
0A
0V
T
Tj=150
C
D=t/T
t
VR
Io
VR=100V
0A
0V
0
5
10
15
20
25
30
No break at 30kV
C=100pF
R=1.5k
C=200pF
R=0
No break at 30kV
ESD DISPERSION MAP
3/3
2011.05 - Rev.C


Similar Part No. - RF601T2D_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RF601T2D ROHM-RF601T2D_10 Datasheet
302Kb / 4P
Fast recovery diode
More results

Similar Description - RF601T2D_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
Fast recovery diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
Fast Recovery Diode
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
FAST RECOVERY DIODE
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
Fast Recovery Diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
Fast Recovery Diode
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
Fast Recovery Diode
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com