Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF601T2D Datasheet(PDF) 2 Page - Rohm

Part # RF601T2D
Description  Fast recovery diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF601T2D Datasheet(HTML) 2 Page - Rohm

  RF601T2D_11 Datasheet HTML 1Page - Rohm RF601T2D_11 Datasheet HTML 2Page - Rohm RF601T2D_11 Datasheet HTML 3Page - Rohm RF601T2D_11 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RF601T2D
 
Electrical characteristics curves
0
50
100
150
200
250
300
AVE:126.0A
8.3ms
Ifsm
1cyc
840
850
860
870
880
890
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
AVE:13.7ns
Ta=25
C
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
50
60
70
80
90
100
110
120
130
140
150
AVE:99.4pF
Ta=25
C
f=1MHz
VR=0V
n=10pcs
0.001
0.01
0.1
1
10
0
100 200 300 400 500 600 700 800 900 100
0
Ta=150
C
Ta=125
C
Ta=75
C
Ta=25
C
Ta=-25
C
1
10
100
0
5
10
15
20
25
30
f=1MHz
0.1
1
10
100
1000
10000
Ta=150
C
Ta=125
C
Ta=75
C
Ta=25
C
Ta=-25
C
10
100
1000
1
10
100
t
Ifsm
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
1ms
IM=100mA
IF=3A
300us
time
Mounted on epoxy board
0
2
4
6
8
10
02468
10
Sin(
=180)
D=1/2
DC
1
10
100
1000
110
100
8.3ms
Ifsm
1cyc
8.3ms
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
AVE:4.60nA
Ta=25
C
IF=3A
n=30pcs
Ta=25
C
VR=200V
n=30pcs
AVE:859.4mV
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
trr DISPERSION MAP
IFSM DISPERSION MAP
2/3
2011.05 - Rev.C


Similar Part No. - RF601T2D_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RF601T2D ROHM-RF601T2D_10 Datasheet
302Kb / 4P
Fast recovery diode
More results

Similar Description - RF601T2D_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
Fast recovery diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
Fast Recovery Diode
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
FAST RECOVERY DIODE
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
Fast Recovery Diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
Fast Recovery Diode
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
Fast Recovery Diode
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com