Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF601T2D Datasheet(PDF) 1 Page - Rohm

Part # RF601T2D
Description  Fast recovery diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF601T2D Datasheet(HTML) 1 Page - Rohm

  RF601T2D_11 Datasheet HTML 1Page - Rohm RF601T2D_11 Datasheet HTML 2Page - Rohm RF601T2D_11 Datasheet HTML 3Page - Rohm RF601T2D_11 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Fast recovery diode
RF601T2D
Applications
Dimensions (Unit : mm)
 
Structure
General rectification
Features
1) Cathode common type.(TO-220)
2) Ultra Low VF
3) Very fast recovery
4) Low switching loss
Construction
Silicon epitaxial planar
Absolute maximum ratings (Ta=25
C)
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
C
Tstg
C
Electrical characteristic (Ta=25
C)
Symbol
Min.
Typ.
Max.
Unit
VF
-
0.87
0.93
V
IF=3A
Reverse current
IR
-
0.01
10
μA
VR=200V
Reverse recovery time
trr
-
18
25
ns
IF=0.5A,IR=1A,Irr=0.25*IR
Parameter
Conditions
Forward voltage
Parameter
Limits
Reverse voltage (repetitive peak)
200
Reverse voltage (DC)
200
Average rectified forward current (*1)
Storage temoerature
55 to 150
(*1)Business frequency, Rating of R-load, Tc=132
CMAX. 1/2 Io per diode
6
Forward current surge peak (60Hz/1cyc)
60
Junction temperature
150
ROHM : TO220FN
Manufacture Date
1.2
1.3
0.8
(1) (2) (3)
10.0±0.3
    0.1
2.8±0.2
    0.1
4.5±0.3
    0.1
0.7±0.1
0.05
2.6±0.5
(1) (2) (3)
1/3
2011.05 - Rev.C


Similar Part No. - RF601T2D_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RF601T2D ROHM-RF601T2D_10 Datasheet
302Kb / 4P
Fast recovery diode
More results

Similar Description - RF601T2D_11

ManufacturerPart #DatasheetDescription
logo
Rohm
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
Fast recovery diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
Fast Recovery Diode
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
FAST RECOVERY DIODE
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
Fast Recovery Diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
Fast Recovery Diode
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
Fast Recovery Diode
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com