Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2712-O Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC2712-O
Description  NPN Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC2712-O Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC2712-O Datasheet HTML 1Page - Micro Commercial Components 2SC2712-O Datasheet HTML 2Page - Micro Commercial Components 2SC2712-O Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC2712-O
NPN
Plastic-Encapsulate
Transistors
Features
Complementary to 2SA1162
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
50
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
150
mA
PC
Collector power dissipation
150
mW
TJ
Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
ICBO
Collector Cutoff Current
(VCB=60Vdc,IE=0)
---
---
0.1
µA
IEBO
Emitter Cutoff Current
(VEB=5.0Vdc, IC=0)
---
---
0.1
µA
ON CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown
Voltage
(IC=1mA, IB=0)
50
---
---
V
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100
µA, IE=0)
60
---
---
V
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100
µA, IC=0)
5.0
---
---
V
hF
DC Current Gain*
(IC=2mAdc, VCE=6.0Vdc)
70
---
700
---
VCE(sat)
Collector Saturation Voltage*
(IC=-100mAdc, IB=10mAdc)
---
0.1
0.25
V
Cob
Output Capacitance
(VCB=10V, IE=0, f=1MHz)
---
2.0
3.5
pF
fT
Gain Bandwidth product
(VCE=10Vdc, IC=1mAdc)
80
---
---
MHz
NF
Noise Figure
VCE=6V, IC=0.1mA, f=1KHz, Rg=10K
¡)
---
1.0
10
dB
CLASSIFICATION OF hFE
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
350-700
Marking
LO
LY
LG
LL
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
Revision: A
2011/01/01
TM
Micro Commercial Components
E
B
C
www.mccsemi.com
1 of 3
2SC2712-Y
2SC2712-GR
2SC2712-BL
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1


Similar Part No. - 2SC2712-O

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC2712-O KEXIN-2SC2712-O Datasheet
1Mb / 2P
   NPN Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O Datasheet
277Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
DONGGUAN YOU FENG WEI E...
2SC2712-O YFWDIODE-2SC2712-O Datasheet
556Kb / 3P
   NPN Transistors
logo
Unisonic Technologies
2SC2712-O-AE3-R UTC-2SC2712-O-AE3-R Datasheet
113Kb / 4P
   AUDIO FREQUENCY AMPLIFIER NPN TRANSISTOR
logo
Guangdong Kexin Industr...
2SC2712-O-HF KEXIN-2SC2712-O-HF Datasheet
1Mb / 2P
   NPN Transistors
More results

Similar Description - 2SC2712-O

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
   NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
SHIKUES Electronics
2SC4177 SKTECHNOLGY-2SC4177 Datasheet
681Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
   NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
   NPN Plastic-Encapsulate Transistors
PZTA42 MCC-PZTA42 Datasheet
643Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC4672-P MCC-2SC4672-P_13 Datasheet
654Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC1740S-Q MCC-2SC1740S-Q_13 Datasheet
381Kb / 2P
   NPN Plastic-Encapsulate Transistors
CXT5551 MCC-CXT5551_14 Datasheet
369Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com