Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4081FV Datasheet(PDF) 14 Page - Rohm

Part # BU4081FV
Description  High Voltage CMOS Logic ICs Gate>
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4081FV Datasheet(HTML) 14 Page - Rohm

Back Button BU4081FV Datasheet HTML 10Page - Rohm BU4081FV Datasheet HTML 11Page - Rohm BU4081FV Datasheet HTML 12Page - Rohm BU4081FV Datasheet HTML 13Page - Rohm BU4081FV Datasheet HTML 14Page - Rohm BU4081FV Datasheet HTML 15Page - Rohm BU4081FV Datasheet HTML 16Page - Rohm BU4081FV Datasheet HTML 17Page - Rohm BU4081FV Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F,
BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV
Technical Note
14/21
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics Curves(BU4081B)
0
1
2
3
4
5
6
0
1234
5
Input Voltage [V]
0
50
100
150
200
250
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
50
100
150
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
50
100
150
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
50
100
150
200
-50
-25
0
255075
100
Ambient Temperature [℃]
0
10
20
30
40
50
0
5
10
15
20
Output Voltage [V]
0
10
20
30
40
50
0
5
10
15
20
Output Voltage [V]
0
2
4
6
8
10
12
0
2468
10
Input Voltage [V]
0
5
10
15
20
0
5
10
15
Input Voltage [V]
Fig.28
Output voltage-Input voltage characteristics
VDD=5[V] / VSS=0[V])
Fig.31
Output source current-voltage characteristics
Fig.32
Output sink current-voltage characteristics
Fig.35
Rising propagation delay tPLH
-40[℃]
25[℃]
85[℃]
VDD=10[V]
85[℃]
-40[℃]
25[℃]
VDD=15[V]
-40[℃]
25[℃]
85[℃]
VDD=5[V]
85[℃]
25[℃]
-40[℃]
85[℃]
25[℃]
-40[℃]
VDD=15[V]
VDD=5[V]
85[℃]
25[℃]
-40[℃]
VDD=10[V]
VDD=3[V]
VDD=5[V]
VDD=18[V]
VDD=10[V]
VDD=3[V]
VDD=5[V]
VDD=18[V]
VDD=10[V]
VDD=3[V]
VDD=5[V]
VDD=18[V]
VDD=10[V]
VDD=3[V]
VDD=5[V]
VDD=18[V]
VDD=10[V]
[BU4081B/F/FV]
85[℃] 25[℃] -40[℃]
[BU4081B/F/FV]
[BU4081B/F/FV]
[BU4081B/F/FV]
[BU4081B/F/FV]
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
[BU4081B/F/FV]
Operating Temperature Range
[BU4081B/F/FV]
[BU4081B/F/FV]
[BU4081B/F/FV]
85[℃] 25[℃] -40[℃]
85[℃] 25[℃] -40[℃]
Fig.29
Output voltage-Input voltage characteristics
VDD=10[V] / VSS=0[V])
Fig.30
Output voltage-Input voltage characteristics
VDD=15[V] / VSS=0[V])
Fig.33
Rising time tTLH
Fig.34
Falling time tTHL
Fig.36
Falling propagation delay tPHL


Similar Part No. - BU4081FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4081FV ROHM-BU4081FV Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
More results

Similar Description - BU4081FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4015B ROHM-BU4015B_09 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4066BC ROHM-BU4066BC_09 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_11 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com