Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LKHS9 Datasheet(PDF) 1 Page - Dialight Corporation

Part # LKHS9
Description  LKHS LINKLED HEATSINKS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LKHS9 Datasheet(HTML) 1 Page - Dialight Corporation

  LKHS9 Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES / BENEFITS
Heatsink for up to 9 (LKHS9) or 12 (LKHS12)
Linkleds or RGB Linkleds
Improves thermal dissipation, LED efficiency and
LED life
Flexible alluminum can be bent to virtually any
shape
LKHS LINKLED
HEATSINKS
MECHANICAL DIMENSIONS
MDEXLUMLKHS_A
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
Section size: 45mm x 60mm
(1.77” X 2.36”)
Section Height: 9mm (0.35”)
Pitch between sections: 110mm (4.33”)
Total length
LKHS9: 990mm (38.98”)
LKHS12: 1320mm (51.97”)
PART NUMBERS
LKHS9: Heatsink for up to 9 Linkleds
LKHS12: Heatsink for up to 12 Linkleds
MATERIALS / FINISH
Pliable 1mm thick Alluminum


Similar Description - LKHS9

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
EV-T220-38E OHMITE-EV-T220-38E Datasheet
269Kb / 1P
E Series Heatsinks
logo
Dialight Corporation
LK1-C1-CW DIALIGHT-LK1-C1-CW Datasheet
248Kb / 2P
LINKLED LED LIGHT ENGINES
logo
Ohmite Mfg. Co.
DV-T263-101E OHMITE-DV-T263-101E Datasheet
104Kb / 1P
D Series Heatsinks
WA-T220-101E OHMITE-WA-T220-101E Datasheet
197Kb / 1P
W Series Heatsinks
logo
Astec America, Inc
APA501-80-001 ASTEC-APA501-80-001 Datasheet
1Mb / 2P
Heatsinks and Accessories
logo
Ohmite Mfg. Co.
RA-T2X-25E OHMITE-RA-T2X-25E Datasheet
311Kb / 1P
F and R Series Heatsinks
logo
Dialight Corporation
LK3-RGB DIALIGHT-LK3-RGB Datasheet
209Kb / 2P
LINKLED RGB LED LIGHT ENGINES
logo
Ohmite Mfg. Co.
HS-SERIES OHMITE-HS-SERIES Datasheet
395Kb / 2P
Heatsinks for Arcol Resistors
SV-LED OHMITE-SV-LED Datasheet
267Kb / 1P
Heatsinks For Power LED Modules
SINK-SVLED OHMITE-SINK-SVLED Datasheet
267Kb / 1P
Heatsinks For Power LED Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com