Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSD-100B-24 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RSD-100B-24
Description  100W Railway Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSD-100B-24 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RSD-100B-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSD-100B-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
VOLTAGE
RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
DCCURRENT (Typ.)
105~135% ratedoutputpower
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
CompliancetoEN55022(CISPR22)ConductionEmission:Class A,Radiation Emission:ClassB;EN50155(EN50121-3-2)
CompliancetoEN61000-4-2,3,4,6,8;ENV50204,EN50155(EN50121-3-2),lightindustrylevel,criteria A
-40~+55
(noderating);+70
@60%loadbyfreeairconvection;+70
(noderatingwithexternalbaseplate)
20~95%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G10min./1cycle,60min.eachalongX, Y,Zaxes;Mounting:compliancetoIEC61373
254.1Khrsmin.MIL-HDBK-217F(25
)
161*68*36mm(L*W*H)
0.6Kg;24pcs/15.4Kg/0.98CUFT
FileName:RSD-100-SPEC2011-05-18
100WRailwaySingleOutputDC-DCConverter
Features :
R S D - 1 0 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:4KVDCI/P-FG:2.5KVDCO/P-FG:2.5KVDC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
SAFETY &
EMC
(Note4)
ENVIRONMENT
PROTECTION
1. All parameters NOT specially mentioned are measured at 24,48,110VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
RSD-100B-5 RSD-100B-12
RSD-100C-12
RSD-100D-12
RSD-100B-24
RSD-100C-24
RSD-100D-24
RSD-100C-5
RSD-100D-5
5V
12V
24V
5V
12V
24V
5V
12V
24V
20A
8.4A
4.2A
20A
8.4A
4.2A
20A
8.4A
4.2A
0~20A
0~8.4A
0~4.2A
0~20A
0~8.4A
0~4.2A
0~20A
0~8.4A
0~4.2A
100W
100.8W
100.8W
100W
100.8W
100.8W
100W
100.8W
100.8W
100mVp-p
120mVp-p
150mVp-p
100mVp-p
120mVp-p
150mVp-p
100mVp-p
120mVp-p
150mVp-p
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
0.5%
0.3%
0.2%
0.5%
0.3%
0.2%
0.5%
0.2%
0.2%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
800ms,50msatfullload
16.8~31.2VDC
14.4~33.6VDC
88%
4.8A/24V
89%
89%
89%
33.6~62.4VDC
28.8~67.2VDC
67.2~143VDC
57.6~154VDC
91%
91%
89.5%
91%
90%
4.8A/24V
4.8A/24V
2.4A/48V
30A/48VDC
2.4A/48V
2.4A/48V
1.2A/110V
30A/110VDC
1.2A/110V
1.2A/110V
30A/24VDC
DesignrefertoIEC60950-1,EN50155(IEC60571)
2:1 wide input range
Protections: Short circuit / Overload / Over voltage / Input reverse polarity
4000VDC I/O isolation
Cooling by free air convection
Built-in constant current limiting circuit
1U low profile 36mm
Compliance to EN50155 railway certificate
All using 105
long life electrolytic capacitors
LED indicator for power on
100% full load burn-in test
3 years warranty
5.75~7V
5.75~7V
5.75~7V
13.8~16.2V
13.8~16.2V
13.8~16.2V
27.6~32.4V
27.6~32.4V
27.6~32.4V
EMCIMMUNITY
EMCEMISSION
HOLDUP TIME (Typ.)
CONTINUOUS
1SEC.
3~30ms@fullload;B/C-typecomplywithS1level;D-typecomplywithS2level


Similar Part No. - RSD-100B-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSD-100B-24 MEANWELL-RSD-100B-24 Datasheet
282Kb / 2P
100W Railway Single Output DC-DC Converter
More results

Similar Description - RSD-100B-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSD-100 MEANWELL-RSD-100_12 Datasheet
282Kb / 2P
100W Railway Single Output DC-DC Converter
RSD-300 MEANWELL-RSD-300 Datasheet
214Kb / 4P
300W Railway Single Output DC-DC Converter
RSD-200 MEANWELL-RSD-200 Datasheet
288Kb / 7P
200W Railway Single Output DC-DC Converter
RSD-200 MEANWELL-RSD-200_12 Datasheet
305Kb / 2P
200W Railway Single Output DC-DC Converter
RSD-150 MEANWELL-RSD-150 Datasheet
256Kb / 2P
150W Railway Single Output DC-DC Converter
RSD-150 MEANWELL-RSD-150_12 Datasheet
236Kb / 2P
150W Railway Single Output DC-DC Converter
SD-100 MEANWELL-SD-100_11 Datasheet
375Kb / 2P
100W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-100 ASTRODYNE-SD-100 Datasheet
202Kb / 2P
100W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-100 MEANWELL-SD-100 Datasheet
374Kb / 2P
100W Single Output DC-DC Converter
SD-100 MEANWELL-SD-100_10 Datasheet
376Kb / 2P
100W Single Output DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com