Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8654 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8654
Description  12V, 8A 1.2MHz Step-Down Regulator Operates from 4.5V to 14V Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8654 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8654 Datasheet HTML 2Page - Maxim Integrated Products MAX8654 Datasheet HTML 3Page - Maxim Integrated Products MAX8654 Datasheet HTML 4Page - Maxim Integrated Products MAX8654 Datasheet HTML 5Page - Maxim Integrated Products MAX8654 Datasheet HTML 6Page - Maxim Integrated Products MAX8654 Datasheet HTML 7Page - Maxim Integrated Products MAX8654 Datasheet HTML 8Page - Maxim Integrated Products MAX8654 Datasheet HTML 9Page - Maxim Integrated Products MAX8654 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Typical Operating Characteristics (continued)
(Typical values are: VIN = VVP = 12V, VOUT = 3.3V, RFREQ = 100kΩ, and TA = +25°C, circuit of Figure 1.)
12V, 8A 1.2MHz
Step-Down Regulator
6
_______________________________________________________________________________________
EXPOSED PAD TEMPERATURE
vs. LOAD CURRENT
LOAD CURRENT (A)
-40
60
40
20
0
-20
120
100
80
140
-60
02
4
6
8
TA = +85
°C, NO AIR FLOW
TA = +25
°C, NO AIR FLOW
TA = -40
°C, NO AIR FLOW
TA = -40
°C, 200LFM
TA = +25
°C, 200LFM
TA = +85
°C, 200LFM
LINE REGULATION
INPUT VOLTAGE (V)
-0.3
-0.1
-0.2
0.1
0
0.2
-0.4
57
9
11
13
15
ILOAD = 6A
ILOAD = 0A
ILOAD = 3A
SHORT-CIRCUIT RESPONSE
MAX8654 toc12
400
µs/div
IOUT
VOUT
IIN
5A/div
2V/div
0V
0
1A/div
0
CSS = 1000pF
RMS INPUT CURRENT DURING
OUTPUT SHORT CIRCUIT
INPUT VOLTAGE (V)
0.05
0.30
0.25
0.20
0.15
0.10
0.45
0.40
0.35
0.50
0
57
9
11
13
VOUT = 3.3V
CSS = 1000pF
CSS = 22,000pF
CSS = 10,000pF
RMS OUTPUT CURRENT DURING
OUTPUT SHORT CIRCUIT
INPUT VOLTAGE (V)
2.5
2.0
1.5
3.5
3.0
4.0
1.0
57
9
11
13
VOUT = 3.3V
CSS = 1000pF
CSS = 22,000pF
CSS = 10,000pF
OPEN-LOOP FREQUENCY RESPONSE
FREQUENCY (kHz)
IOUT = 6A
106.57946kHz
CPI
106.57946kHz
CPI
-20
0
0
20
40
-40
10
1
0.1
1000
100
-83.3
83.3
166.6
-166.6
10
1
0.1
1000
100


Similar Part No. - MAX8654

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8654 MAXIM-MAX8654 Datasheet
484Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 0; 8/06
MAX8654 MAXIM-MAX8654 Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
MAX8654 MAXIM-MAX8654 Datasheet
699Kb / 13P
   Operates from 4.5V to 14V Supply
Rev 1; 10/08
MAX8654ETX MAXIM-MAX8654ETX Datasheet
484Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 0; 8/06
MAX8654ETX++ MAXIM-MAX8654ETX+ Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
More results

Similar Description - MAX8654

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8654EVKIT MAXIM-MAX8654EVKIT Datasheet
699Kb / 13P
   Operates from 4.5V to 14V Supply
Rev 1; 10/08
MAX8654 MAXIM-MAX8654_09 Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
MAX8654 MAXIM-MAX8654 Datasheet
484Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 0; 8/06
MAX17501GTEVKIT MAXIM-MAX17501GTEVKIT Datasheet
1Mb / 8P
   Operates from a 14V to 60V Input Supply
Rev 0; 11/12
MAX17761EVKITA MAXIM-MAX17761EVKITA Datasheet
843Kb / 8P
   Operates from a 4.5V to 76V Input Supply
Rev 0; 9/17
MAX17501HTEVKIT MAXIM-MAX17501HTEVKIT Datasheet
1Mb / 9P
   Operates from a 4.5V to 60V Input Supply
Rev 0; 10/12
MAX14870EVKIT MAXIM-MAX14870EVKIT Datasheet
414Kb / 7P
   Operates from a Wide 4.5V to 36V Supply
Rev 2; 10/19
MAX17502ETEVKIT MAXIM-MAX17502ETEVKIT Datasheet
562Kb / 8P
   Operates from a 4.5V to 60V Input Supply
Rev 2; 11/17
MAX14871EVKIT MAXIM-MAX14871EVKIT Datasheet
3Mb / 16P
   Operates From a Wide 4.5V to 36V Supply
Rev 0; 6/15
MAX14874EVKIT MAXIM-MAX14874EVKIT Datasheet
700Kb / 7P
   Operates from a Wide 4.5V to 36V Supply
Rev 0; 6/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com