Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8654 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8654
Description  12V, 8A 1.2MHz Step-Down Regulator Operates from 4.5V to 14V Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8654 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8654 Datasheet HTML 1Page - Maxim Integrated Products MAX8654 Datasheet HTML 2Page - Maxim Integrated Products MAX8654 Datasheet HTML 3Page - Maxim Integrated Products MAX8654 Datasheet HTML 4Page - Maxim Integrated Products MAX8654 Datasheet HTML 5Page - Maxim Integrated Products MAX8654 Datasheet HTML 6Page - Maxim Integrated Products MAX8654 Datasheet HTML 7Page - Maxim Integrated Products MAX8654 Datasheet HTML 8Page - Maxim Integrated Products MAX8654 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
12V, 8A 1.2MHz
Step-Down Regulator
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VEN = VVP = 12V, VVDL = 5V, VVL = 3.3V, VSYNC = 0V, VFB = 0.5V, TA = -40°C to +85°C, typical values are at TA = +25°C,
unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC
SYNC Capture Range
0.25
1.20
MHz
tLO
100
SYNC Pulse Width
tHI
100
ns
VIL
0.4
SYNC Input Threshold
VIH
1.6
V
IIL
10
nA
SYNC Input Current
VSYNC = 0V or 3.6V
IIH
7µA
SYNCOUT
SYNCOUT Frequency Range
0.25
1.2
MHz
SYNCOUT Phase Shift from
SYNCIN or Internal Oscillator
Frequency = 1MHz
170
180
190
Degrees
VOH
VVL - 0.4
SYNCOUT Output Voltage
ISYNCOUT =
±1mA
VOL
0.2
V
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
When LX stops switching
+165
°C
Thermal-Shutdown Hysteresis
20
°C
POWER-GOOD
PWRGD Threshold Voltage
VFB falling, 30mV hysteresis, VREFIN > 540mV
90
% of
REFIN
PWRGD Falling Edge Deglitch
48
Clock
cycles
PWRGD Output Voltage Low
IPWRGD = 4mA
0.03
0.06
V
PWRGD Leakage Current
VPWRGD = 5.5V, VFB = 0.9V
0.01
1
µA
Note 2: All devices are production tested at TA = +25°C. Limits over the operating range are guaranteed by design.


Similar Part No. - MAX8654

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8654 MAXIM-MAX8654 Datasheet
484Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 0; 8/06
MAX8654 MAXIM-MAX8654 Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
MAX8654 MAXIM-MAX8654 Datasheet
699Kb / 13P
   Operates from 4.5V to 14V Supply
Rev 1; 10/08
MAX8654ETX MAXIM-MAX8654ETX Datasheet
484Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 0; 8/06
MAX8654ETX++ MAXIM-MAX8654ETX+ Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
More results

Similar Description - MAX8654

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8654EVKIT MAXIM-MAX8654EVKIT Datasheet
699Kb / 13P
   Operates from 4.5V to 14V Supply
Rev 1; 10/08
MAX8654 MAXIM-MAX8654_09 Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
MAX8654 MAXIM-MAX8654 Datasheet
484Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 0; 8/06
MAX17501GTEVKIT MAXIM-MAX17501GTEVKIT Datasheet
1Mb / 8P
   Operates from a 14V to 60V Input Supply
Rev 0; 11/12
MAX17761EVKITA MAXIM-MAX17761EVKITA Datasheet
843Kb / 8P
   Operates from a 4.5V to 76V Input Supply
Rev 0; 9/17
MAX17501HTEVKIT MAXIM-MAX17501HTEVKIT Datasheet
1Mb / 9P
   Operates from a 4.5V to 60V Input Supply
Rev 0; 10/12
MAX14870EVKIT MAXIM-MAX14870EVKIT Datasheet
414Kb / 7P
   Operates from a Wide 4.5V to 36V Supply
Rev 2; 10/19
MAX17502ETEVKIT MAXIM-MAX17502ETEVKIT Datasheet
562Kb / 8P
   Operates from a 4.5V to 60V Input Supply
Rev 2; 11/17
MAX14871EVKIT MAXIM-MAX14871EVKIT Datasheet
3Mb / 16P
   Operates From a Wide 4.5V to 36V Supply
Rev 0; 6/15
MAX14874EVKIT MAXIM-MAX14874EVKIT Datasheet
700Kb / 7P
   Operates from a Wide 4.5V to 36V Supply
Rev 0; 6/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com