Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8654 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8654
Description  12V, 8A 1.2MHz Step-Down Regulator Operates from 4.5V to 14V Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8654 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8654 Datasheet HTML 4Page - Maxim Integrated Products MAX8654 Datasheet HTML 5Page - Maxim Integrated Products MAX8654 Datasheet HTML 6Page - Maxim Integrated Products MAX8654 Datasheet HTML 7Page - Maxim Integrated Products MAX8654 Datasheet HTML 8Page - Maxim Integrated Products MAX8654 Datasheet HTML 9Page - Maxim Integrated Products MAX8654 Datasheet HTML 10Page - Maxim Integrated Products MAX8654 Datasheet HTML 11Page - Maxim Integrated Products MAX8654 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
12V, 8A 1.2MHz
Step-Down Regulator
8
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1, 2, 3, 34,
35, 36
PGND
Power Ground. All PGND pins are internally connected. Connect all PGND pins externally to the power
ground plane.
4
VDL
5V LDO Output. VDL supplies the gate-drive current to the internal MOSFETS, and charges the BST
capacitor. VDL requires at least a 2.2µF ceramic bypass capacitor to PGND.
5–8
IN
Power-Supply Input. Input supply range is from 4.5V to 14V. Bypass with two 10µF and a 0.1µF ceramic
capacitors to PGND. See Figure 1.
9VP
Input of the Internal 5V LDO Regulator. Connect to IN if a 5V supply is not available. Connect to an external
5V supply to disable the internal 5V regulator.
10
VL
3.3V LDO for Internal Chip Supply. Bypass with a 1µF ceramic capacitor to GND.
11
ILIM
Current-Limit Adjust. Connect a resistor, RILIM, from ILIM to GND. IILIM = 1V / RILIM. IILIM determines the
LX current-limit trip point. See the Current Limit section for more details.
12
FREQ
Oscillator Frequency Selection. Connect a resistor from FREQ to GND to set the internal oscillator
frequency. See the Frequency Select (FREQ) section for more details.
13, 32
GND
Analog Circuit Ground
14
REFIN
External Reference Input. Connect to an external reference. FB regulates to the voltage applied to REFIN.
Connect REFIN to SS to use the internal 0.6V reference. REFIN is internally pulled to GND when the IC is in
shutdown mode.
15
SS
Soft-Start Input. Connect a capacitor from SS to GND to set the startup time. See the Soft-Start and REFIN
section for details.
16
COMP
Regulator Compensation. Connect the necessary compensation network from COMP to FB. COMP is
internally pulled to GND when the IC is in shutdown mode.
17
FB
Feedback Input. Connect to the center tap of an external resistor-divider from the output to GND to set the
output voltage. See the Compensation Design section for more details.
18
PWRGD
Power-Good Output. Open-drain output that is high impedance when VFB
≥ 90% of VREFIN and VREFIN >
540mV. PWRGD is internally pulled low when the IC is in shutdown mode, or when VVDL, VIN, or VVL is
below the UVLO threshold, or the IC is in thermal shutdown.
19
SYNCOUT
Oscillator Output. The SYNCOUT output is 180
° out-of-phase from the internal oscillator to facilitate running
a second regulator out-of-phase to reduce input ripple.
20
SYNC
Synchronization Input. Synchronize to an external clock with a frequency of 250kHz to 1.2MHz. Connect
SYNC to GND to disable the synchronization function.
21
BST
High-Side MOSFET Driver Supply. Bypass BST to LX with a 0.22µF ceramic capacitor.
22–29
LX
Inductor Connection. All LX pins are internally connected together. Connect all LX pins to the switched
side of the inductor. LX is high impedance when the IC is in shutdown mode.
30, 33
N.C.
Not Internally Connected
31
EN
Enable Input. Logic input to enable/disable the MAX8654. Drive EN high to enable the IC. Drive EN low to
place the IC in a low-power shutdown mode.
—EP
Exposed Pad. Connect to a large PGND ground plane to optimize thermal performance. EP is internally
connected to GND and PGND.


Similar Part No. - MAX8654

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8654 MAXIM-MAX8654 Datasheet
484Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 0; 8/06
MAX8654 MAXIM-MAX8654 Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
MAX8654 MAXIM-MAX8654 Datasheet
699Kb / 13P
   Operates from 4.5V to 14V Supply
Rev 1; 10/08
MAX8654ETX MAXIM-MAX8654ETX Datasheet
484Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 0; 8/06
MAX8654ETX++ MAXIM-MAX8654ETX+ Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
More results

Similar Description - MAX8654

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8654EVKIT MAXIM-MAX8654EVKIT Datasheet
699Kb / 13P
   Operates from 4.5V to 14V Supply
Rev 1; 10/08
MAX8654 MAXIM-MAX8654_09 Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
MAX8654 MAXIM-MAX8654 Datasheet
484Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 0; 8/06
MAX17501GTEVKIT MAXIM-MAX17501GTEVKIT Datasheet
1Mb / 8P
   Operates from a 14V to 60V Input Supply
Rev 0; 11/12
MAX17761EVKITA MAXIM-MAX17761EVKITA Datasheet
843Kb / 8P
   Operates from a 4.5V to 76V Input Supply
Rev 0; 9/17
MAX17501HTEVKIT MAXIM-MAX17501HTEVKIT Datasheet
1Mb / 9P
   Operates from a 4.5V to 60V Input Supply
Rev 0; 10/12
MAX14870EVKIT MAXIM-MAX14870EVKIT Datasheet
414Kb / 7P
   Operates from a Wide 4.5V to 36V Supply
Rev 2; 10/19
MAX17502ETEVKIT MAXIM-MAX17502ETEVKIT Datasheet
562Kb / 8P
   Operates from a 4.5V to 60V Input Supply
Rev 2; 11/17
MAX14871EVKIT MAXIM-MAX14871EVKIT Datasheet
3Mb / 16P
   Operates From a Wide 4.5V to 36V Supply
Rev 0; 6/15
MAX14874EVKIT MAXIM-MAX14874EVKIT Datasheet
700Kb / 7P
   Operates from a Wide 4.5V to 36V Supply
Rev 0; 6/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com