Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTLS2101YP416 Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # PTLS2101YP416
Description  Temperature Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PTLS2101YP416 Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  PTLS2101YP416 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PTLS2101YP416 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PTLS2101YP416 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PTLS2101YP416 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PTLS2101YP416 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PTLS2101YP416 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PTLS2101YP416 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CPTC Thermistor:PT Series
Temperature Sensor
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2006.07
Characteristics
PTL Series
Curie
Temperature
Sensing
Temperature
Resistance Value
Max.
Voltage
Max.
Current
Safety
Approvals
Part No.
Tc (℃)
TS (℃)
25℃(Ω)
TS-5℃(Ω)
TS+5℃(Ω)
Vmax(VDC)
Imax(mA)
UL
cUL
CQC
PTLS2101□P4**
40±10
55
PTLS2101□P5**
50±10
65
PTLS2101□P6**
60±10
75
PTLS2101□P7**
70±10
85
PTLS2101□P8**
80±10
95
PTLS2101□P9**
90±10
105
PTLS2101□A0**
100±10
115
100 max.
330 max.
470 min.
PTLS2331□P4**
40±10
55
PTLS2331□P5**
50±10
65
PTLS2331□P6**
60±10
75
PTLS2331□P7**
70±10
85
PTLS2331□P8**
80±10
95
PTLS2331□P9**
90±10
105
PTLS2331□A0**
100±10
115
330 max.
1500 max.
2200 min.
30
100
Note1: □=Tolerance of R25
Note2: **= Maximum Voltage: 16VDC or 30VDC.
Note3: UL&cUL File No. E138827 , CQC File No. CQC03001008129
PTL –Y02/03 Series
Curie
Temperature
Sensing
Temperature
Resistance Value
Max.
Voltage
Max.
Current
Safety
Approvals
Part No.
Tc (℃)
TS (℃)
25℃
(Ω)
TS-5℃
(Ω)
TS+5℃
(Ω)
TS+15℃
(Ω)
TS+23℃
(Ω)
Vmax
(VDC)
Imax
(mA)
UL
cUL
CQC
PTLS2101□P4**Y02
40±10
60
PTLS2101□P5**Y02
50±10
70
PTLS2101□P6**Y02
60±10
80
570
max.
570
min.
10K
min.
PTLS2101□P7**Y03
70±10
90
PTLS2101□P8**Y03
80±10
100
PTLS2101□P9**Y03
90±10
110
PTLS2101□A0**Y03
100±10
120
PTLS2101□A1**Y03
110±10
130
PTLS2101□A2**Y03
120±10
140
PTLS2101□A3**Y03
130±10
150
PTLS2101□A4**Y03
140±10
160
PTLS2101□A5**Y03
150±10
170
PTLS2101□A6**Y03
160±10
180
100
max.
550
max.
1330
min.
4000
min.
30
100
Note1: □=Tolerance of R25
Note2: **= Maximum Voltage: 16VDC or 30VDC.
Note3: UL&cUL File No. E138827 , CQC File No. CQC03001008129


Similar Part No. - PTLS2101YP416

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTL BOURNS-PTL Datasheet
399Kb / 4P
   PTL Series Slide Potentiometer w/LED
logo
List of Unclassifed Man...
PTL-10-432 ETC2-PTL-10-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-101-432 ETC2-PTL-101-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-11-432 ETC2-PTL-11-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-16-430 ETC2-PTL-16-430 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
More results

Similar Description - PTLS2101YP416

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
TRACO Electronic AG
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000 Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
   Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com