Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTLS2101YP416 Datasheet(PDF) 5 Page - Thinking Electronic Industrial Co.,Ltd

Part # PTLS2101YP416
Description  Temperature Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PTLS2101YP416 Datasheet(HTML) 5 Page - Thinking Electronic Industrial Co.,Ltd

  PTLS2101YP416 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PTLS2101YP416 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PTLS2101YP416 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PTLS2101YP416 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PTLS2101YP416 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PTLS2101YP416 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PTLS2101YP416 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CPTC Thermistor:PT Series
Temperature Sensor
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
5
www.thinking.com.tw
2006.07
Reliability Test
Item
Standard
Test conditions / Methods
Specifications
Tensile Strength of
Terminals
IEC60068-2-21
Fasten body and apply a force gradually
to each lead for 10±1 sec.
Terminal diameter
Force
(mm)
T(N)
0.35<d≦0.5
5.0
0.5<d≦0.8
10.0
0.8<d≦1.25
20.0
R/R25
20%
∣△
∣≦
No damage observed
Solderability
IEC60068-2-20
Then dip each lead into 255±5
solder
for 3±0.5sec.to the 4±1mm above from body .
At least 95% of terminal
electrode is covered by new
solder
Resistance to
Soldering Heat
IEC60068-2-20
Dip each lead into 350±10
solder for 3
4sec.
to the 4±1mm above body.
R/R25
20%
∣△
∣≦
No damage observed
Vibration
IEC60068-2-6
Fasten body to baseboard with solder perfectly
and supply since wave oscillation at frequency from
10 HZ to 55HZ all oscillation with 0.75 mm of
Vibrato for 24 cycles in each of 3 naturally
perpendicular plane for a total of 6 hours
R/R25
20%
∣△
∣≦
No damage observed
Shock
IEC60068-2-27
Putting the PTC product in the shock equipment
shock wave: half-sine
V=1.0m/s;Acceleration:50m/s2 ;Pulse time:30ms
R/R25
20%
∣△
∣≦
No damage observed
Climatic sequence
IEC60738-1
+40 ,20%R.H X 24hrs →100
X 16hrs→25
℃℃
X 2hrs→
+40 ,95%R.HX 24hrs→ 0
X 2hrs→+40 ,95%R.HX 24hrs→
℃℃
25
X (1~2)hrs
R/R25
20%
∣△
∣≦
No damage observed
Insulation *
CECC42000
100±15VDC , 60±5S
100MΩ
Voltage Proof *
CECC42000
1000±10Vrms , 60±5S
No damage observed
Humidity
IEC60068-2-3
40±2
,
90~95%RH,12±2VDC* for 1000±2 hrs
R/R25
20%
∣△
∣≦
No damage observed
Temp. cycle
IEC60068-2-14
-40±3 ×30min.→+85±2 ×30min
×5Cycles
℃℃
excessive time:2min<T<3min
R/R25
20%
∣△
∣≦
No damage observed
Endurance at upper
category temperature
IEC60068-2-2
Ts+25 , for 1000±2hrs
R/R25
20%
∣△
∣≦
No damage observed
Endurance at
maximum operating
temperature and
maximum voltage
IEC60738-1
Ts+25 , Vmax, Imax for 1000±2 hrs
R/R25
20%
∣△
∣≦
No damage observed
Climatic sequence
IEC60738-1
+40
,20%R.H X 24hrs →100
X 16hrs→25
X 2hrs→ +40
℃℃
,95%R.HX 24hrs→ 0
X 2hrs→+40
,95%R.H
X
℃℃
24hrs→25
X (1~2)hrs
R/R25
20%
∣△
∣≦
No damage observed
: Only application for PTM series


Similar Part No. - PTLS2101YP416

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTL BOURNS-PTL Datasheet
399Kb / 4P
PTL Series Slide Potentiometer w/LED
logo
List of Unclassifed Man...
PTL-10-432 ETC2-PTL-10-432 Datasheet
2Mb / 1P
TLS 2200 Voice & Data Comm Materials
PTL-101-432 ETC2-PTL-101-432 Datasheet
2Mb / 1P
TLS 2200 Voice & Data Comm Materials
PTL-11-432 ETC2-PTL-11-432 Datasheet
2Mb / 1P
TLS 2200 Voice & Data Comm Materials
PTL-16-430 ETC2-PTL-16-430 Datasheet
2Mb / 1P
TLS 2200 Voice & Data Comm Materials
More results

Similar Description - PTLS2101YP416

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
Temperature Sensor
logo
TRACO Electronic AG
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
Temperature Sensor
Rev. June 30, 2021
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
Temperature Sensor
Rev. June 30, 2021
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000 Datasheet
117Kb / 3P
TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com