Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTLS2101RP416 Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # PTLS2101RP416
Description  Temperature Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PTLS2101RP416 Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  PTLS2101RP416 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PTLS2101RP416 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PTLS2101RP416 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PTLS2101RP416 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PTLS2101RP416 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PTLS2101RP416 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PTLS2101RP416 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CPTC Thermistor:PT Series
Temperature Sensor
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2006.07
Features
1. RoHS compliant
2. Small size
3. Very fast reaction time
4. Wide range of protection temperatures
5. No need reset supply after protection
6. Stable over along life
7. Operating temperature range:
0 ~ +40°C (V=Vmax)
0 ~ Ts+25°C (V=0)
8. Agency Recognition: UL /cUL / CQC
Recommended Applications
1. Electrical equipment (Electrical machinery, Transformer)
Part No. Code
P
T
L
S
2
1
0
1
Y
P
8
1
6
B
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Dimensions
PTL Series
PTM Series
Product Code
PT
PTC
Thermistor for
Temperature
Sensor
Series
L
Lead Type
M
Metal Terminal Type
Dimensions
S2
2mm Square
Resistance (R25)
800
80Ω
101
100Ω
331
330Ω
Tolerance of R25
R
0%~﹣100%
Y
Special
Curie Temperature
P0
0℃
P8
80℃
A0
100℃
A2
120℃
A4
140℃
Maximum
Voltage(Vdc)
16
16V
30
30V
Packaging
B(Y)
Bulk
A(X)
Ammo Box Pitch 12.7
R(W)
Taping & Reel Pitch 12.7
Internal
Control Code
Note:
The code in ( ) is for RoHS control.


Similar Part No. - PTLS2101RP416

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTL BOURNS-PTL Datasheet
399Kb / 4P
   PTL Series Slide Potentiometer w/LED
logo
List of Unclassifed Man...
PTL-10-432 ETC2-PTL-10-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-101-432 ETC2-PTL-101-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-11-432 ETC2-PTL-11-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-16-430 ETC2-PTL-16-430 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
More results

Similar Description - PTLS2101RP416

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
TRACO Electronic AG
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000 Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
   Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com