Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # 2N7002
Description  FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N7002 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  2N7002 Datasheet HTML 1Page - KEC(Korea Electronics) 2N7002 Datasheet HTML 2Page - KEC(Korea Electronics) 2N7002 Datasheet HTML 3Page - KEC(Korea Electronics) 2N7002 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2009. 11. 17
1/4
SEMICONDUCTOR
TECHNICAL DATA
2N7002
N CHANNEL ENHANCEMENT MODE
FIELD EFFECT TRANSISTOR
Revision No : 4
INTERFACE AND SWITCHING APPLICATION.
FEATURES
High density cell design for low RDS(ON).
Voltage controlled small signal switch.
Rugged and reliable.
High saturation current capablity.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
1. SOURCE
2. GATE
3. DRAIN
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P
7
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=10 A
60
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=60V, VGS=0V
-
-
1
A
Gate-Body Leakage, Forward
IGSSF
VGS=20V, VDS=0V
-
-
100
nA
Gate-Body Leakage, Reverse
IGSSR
VGS=-20V, VDS=0V
-
-
-100
nA
CHARACTERISTIC
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
20
V
Drain Current
Continuous
ID
300
mA
Pulsed (Note 1)
IDP
1200
Drain Power Dissipation (Note 2)
PD
300
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
D
G
S
THIS TRANSISTOR IS ELECTROSTATIC SENSITIVE DEVICE.
PLEASE HANDLE WITH CAUTION.
Type Name
Marking
Lot No.
WA
EQUIVALENT CIRCUIT
Note 1) Pulse Width
10
, Duty Cycle
1%
Note 2) Package mounted on a glass epoxy PCB(100mm
2
1mm)


Similar Part No. - 2N7002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002 PANJIT-2N7002 Datasheet
91Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Silicon Supplies
2N7002 SS-2N7002 Datasheet
620Kb / 4P
Small Signal MOSFET Bare Die
logo
Wuxi NCE Power Semicond...
2N7002 NCEPOWER-2N7002 Datasheet
307Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
logo
Fairchild Semiconductor
2N7002 FAIRCHILD-2N7002 Datasheet
162Kb / 4P
Advanced Small Signal MOSFET
logo
EVER SEMICONDUCTOR CO.,...
2N7002 EVVOSEMI-2N7002 Datasheet
297Kb / 3P
N-Channel MOSFET
Rev:2022A2
More results

Similar Description - 2N7002

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N7000A KEC-2N7000A Datasheet
67Kb / 4P
FIELD EFFECT TRANSISTOR
2N7002A KEC-2N7002A_09 Datasheet
57Kb / 4P
FIELD EFFECT TRANSISTOR
2N7000 KEC-2N7000 Datasheet
68Kb / 4P
FIELD EFFECT TRANSISTOR
logo
Isahaya Electronics Cor...
2SK930 ISAHAYA-2SK930 Datasheet
226Kb / 4P
FIELD-EFFECT TRANSISTOR
logo
NEC
2SK193 NEC-2SK193 Datasheet
39Kb / 2P
Field Effect Transistor
logo
New Jersey Semi-Conduct...
40822 NJSEMI-40822 Datasheet
108Kb / 1P
FIELD-EFFECT TRANSISTOR
40822 NJSEMI-40822_13 Datasheet
108Kb / 1P
FIELD-EFFECT TRANSISTOR
logo
Isahaya Electronics Cor...
2SJ498 ISAHAYA-2SJ498 Datasheet
110Kb / 4P
FIELD-EFFECT TRANSISTOR
2SJ145 ISAHAYA-2SJ145 Datasheet
219Kb / 4P
FIELD-EFFECT TRANSISTOR
logo
Toshiba Semiconductor
2SK788 TOSHIBA-2SK788 Datasheet
366Kb / 5P
FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com