Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002 Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # 2N7002
Description  FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N7002 Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  2N7002 Datasheet HTML 1Page - KEC(Korea Electronics) 2N7002 Datasheet HTML 2Page - KEC(Korea Electronics) 2N7002 Datasheet HTML 3Page - KEC(Korea Electronics) 2N7002 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2009. 11. 17
4/4
2N7002
Revision No : 4
DRAIN-SOURCE VOLTAGE V
(V)
010
15
520
C - VDS
25
DS
1
10
1000
100
GATE CHARGE Q
(nC)
g
V
- Q
GS
g
0
0
2
COMMON SOURCE
VGS=30V
ID= 0.3A
46
8
10
4
2
6
8
10
P
- Ta
D
AMBIENT TEMPERATURE Ta ( C)
020
40
50
0
60
80
100
120
140
160
100
150
200
250
300
350
Ciss
Coss
Crss
COMMON SOURCE
Ta=25
f=1MHz
VGS=0
C
Ta =25 C
SOA
DS
DRAIN-SOURCE VOLTAGE V
(V)
0.001
0.01
10
100
1
0.1
10
0.0001
0.001
0.01
0.1
1
PW =10ms
PW =100ms
PW =1ms
DC
Tj=150
, Ta=25
,Single
Pulse,Package mounted
on a a glass epoxy
PCB(100mm2 1mm)
C
C
PW
10


Similar Part No. - 2N7002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002 PANJIT-2N7002 Datasheet
91Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
NXP Semiconductors
2N7002 PHILIPS-2N7002 Datasheet
76Kb / 12P
N-channel vertical D-MOS transistor
April 1995
logo
Supertex, Inc
2N7002 SUTEX-2N7002 Datasheet
30Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Vishay Siliconix
2N7002 VISHAY-2N7002 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
Rev. F, 16-Jul-01
logo
Zetex Semiconductors
2N7002 ZETEX-2N7002 Datasheet
25Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - 2N7002

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK788 TOSHIBA-2SK788 Datasheet
366Kb / 5P
FIELD EFFECT TRANSISTOR
logo
Isahaya Electronics Cor...
2SK930 ISAHAYA-2SK930 Datasheet
226Kb / 4P
FIELD-EFFECT TRANSISTOR
2SJ498 ISAHAYA-2SJ498 Datasheet
110Kb / 4P
FIELD-EFFECT TRANSISTOR
2SJ145 ISAHAYA-2SJ145 Datasheet
219Kb / 4P
FIELD-EFFECT TRANSISTOR
logo
KEC(Korea Electronics)
2N7000 KEC-2N7000 Datasheet
68Kb / 4P
FIELD EFFECT TRANSISTOR
2N7000A KEC-2N7000A Datasheet
67Kb / 4P
FIELD EFFECT TRANSISTOR
2N7002A KEC-2N7002A_09 Datasheet
57Kb / 4P
FIELD EFFECT TRANSISTOR
logo
New Jersey Semi-Conduct...
40822 NJSEMI-40822 Datasheet
108Kb / 1P
FIELD-EFFECT TRANSISTOR
40822 NJSEMI-40822_13 Datasheet
108Kb / 1P
FIELD-EFFECT TRANSISTOR
logo
NEC
2SK193 NEC-2SK193 Datasheet
39Kb / 2P
Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com