Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEF105M Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SEF105M
Description  1.0 Amp High Efficiency Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SEF105M Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SEF105M Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SEF105M Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SEF105M Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEF101M~SEF107M
VOLTAGE 50 ~ 1000 V
1.0 Amp High Efficiency Recovery Rectifiers
Elektronische Bauelemente
09-Feb-2011 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free
FEATURES
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application
in order to optimize board space.
High current capability.
Fast switching for high efficiency.
Glass passivated chip junction.
MECHANICAL DATA
Case: Molded plastic, SOD-123M / Mini SMA
Epoxy: UL94-V0 rated flame retardant
Terminals: Plated terminals, solderable per MIL-STD-750,
Method 2026.
Polarity: Indicated by cathode band
Weight: 0.018 gram (Approximately)
MARKING CODE
Part Number
Marking Code
Part Number
Marking Code
SEF101M
H1
SEF105M
H5
SEF102M
H2
SEF106M
H6
SEF103M
H3
SEF107M
H7
SEF104M
H4
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOD-123M
2.5K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified.)
Parameter
Symbol
Part Number
Unit
SEF
101M
SEF
102M
SEF
103M
SEF
104M
SEF
105M
SEF
106M
SEF
107M
Repetitive Peak
Reverse Voltage (Max.)
VRRM
50
100
200
400
600
800
1000
V
RMS Voltage (Max.)
VRMS
35
70
140
280
420
560
700
V
Continuous Reverse Voltage (Max.)
VR
50
100
200
400
600
800
1000
V
SOD-123M
E
E
F
B
C
D
A
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
3.50
3.90
D
3.60 (Max.)
B
1.40
1.80
E
0.80 (Typ.)
C
1.30
1.70
F
0.30 (Typ.)


Similar Part No. - SEF105M

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF105MH SECOS-SEF105MH Datasheet
337Kb / 3P
   1.0 Amp High Efficiency Recovery Rectifiers
More results

Similar Description - SEF105M

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ES11A SECOS-ES11A Datasheet
214Kb / 2P
   1.0 Amp High Efficiency Recovery Rectifiers
SEF101A SECOS-SEF101A_15 Datasheet
258Kb / 2P
   1.0 Amp High Efficiency Recovery Rectifiers
SEF101B SECOS-SEF101B_15 Datasheet
298Kb / 2P
   1.0 Amp High Efficiency Recovery Rectifiers
SEF101MH SECOS-SEF101MH_15 Datasheet
337Kb / 3P
   1.0 Amp High Efficiency Recovery Rectifiers
SEF101MH SECOS-SEF101MH Datasheet
337Kb / 3P
   1.0 Amp High Efficiency Recovery Rectifiers
ES11A SECOS-ES11A_15 Datasheet
214Kb / 2P
   1.0 Amp High Efficiency Recovery Rectifiers
SUF101A SECOS-SUF101A_15 Datasheet
320Kb / 2P
   1.0 Amp High Efficiency Recovery Rectifiers
SEF101FL SECOS-SEF101FL_15 Datasheet
460Kb / 2P
   1.0 Amp High Efficiency Recovery Rectifiers
SEF101M SECOS-SEF101M_15 Datasheet
259Kb / 3P
   1.0 Amp High Efficiency Recovery Rectifiers
SEF105BS SECOS-SEF105BS Datasheet
280Kb / 2P
   600 V 1.0 Amp High Efficiency Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com