Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS40322 Datasheet HTML 20Page - Texas Instruments TPS40322 Datasheet HTML 21Page - Texas Instruments TPS40322 Datasheet HTML 22Page - Texas Instruments TPS40322 Datasheet HTML 23Page - Texas Instruments TPS40322 Datasheet HTML 24Page - Texas Instruments TPS40322 Datasheet HTML 25Page - Texas Instruments TPS40322 Datasheet HTML 26Page - Texas Instruments TPS40322 Datasheet HTML 27Page - Texas Instruments TPS40322 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
(
)
(
)
RIPPLE1
OC
OUT1
I
2.5 A
V
I
1.2
DCR
1.2
10 A
1.2
3.15 m
1.2
51.05 mV
2
2
é
ù
é
ù
æ
ö
æ
ö
=
+
´
´
´
=
+
´
´
W ´
=
ê
ú
ê
ú
ç
÷
ç
÷
è
ø
è
ø
ë
û
ë
û
(
)
(
)
(
)
(
) (
)
OC
CS max
OS min
ILIM
ILIM(min)
V
V
A
V
51.05 mV
16
3 mV
V
R
86.29 k
86.6 k
I
9.5 A
´
-
´
- -
=
=
=
W »
W
m
FB
OUT1
FB
V
R10
0.600 V
20.0 k
R14
20 k
V
V
1.2 V
0.600 V
´
´
W
=
=
=
W
-
-
(
)
G1
BOOST
BOOT ripple
Q
7 nC
C
70 nF
100 nF
V
100 mV
=
=
=
»
9
9
RT
SW
20
20
R
40 k
40.2k
f
500 kHz
=
=
=
W »
W
TPS40322
SLUSAF8
– JUNE 2011
www.ti.com
(23)
The current limit resistor is calculated using the minimum ILIM programming current, IILIM(min), the maximum
current sense amplifier gain, ACS(max), and taking into account the current sense amplifier minimum input offset
voltage, VOS(min).
(24)
Feedback Divider (R10, R14)
The TPS40322 controller uses a full operational amplifier with an internally fixed 0.600-V reference. Tha value for
R10 is selected between 10-k
Ωand 50-kΩ for a balance of feedback current and noise immunity. With the R10
resistor set to 20-k
Ω, the output voltage is programmed with a resistor divider given by Equation 25.
(25)
Compensation: (R11, R12, C17, C19, C21)
Using the TPS40k Loop Stability Tool for an 85-kHz bandwidth and 50
° of phase margin with an R10 value of
20.0 k
Ω, and measuring the theoretical results in the laboratory and modifying accordingly for system
optimization yields the following values.
C21 = 10 pF
C17 = 220 pF
C19 = 470 pF
R12 = 4.42 k
Ω
R11 = 82.5 k
Ω
Boot-Strap Capacitor (C7)
To ensure proper charging of the high-side FET gate, limit the ripple voltage on the boost capacitor to
< 100 mV.
(26)
General Device Components
Synchronization (SYNC Pin)
The SYNC pin can be left open for independent dual outputs.
RT Resistor (R6)
The desired switching frequency is programmed by the current through RRT to GND. the value of RRT is
calculated using Equation 27.
(27)
Differential Amplifier Out (DIFFO Pin)
In dual output configuration the DIFFO pin is not used and must remain open (unconnected).
EN/SS Timing Capacitors (C8)
The soft-start capacitor provides smooth ramp of the error amplifier reference voltage for controlled start-up. The
soft-start capacitor is selected using Equation 28.
24
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBR TI1-TPS40322RHBR Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com