Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS40322 Datasheet HTML 18Page - Texas Instruments TPS40322 Datasheet HTML 19Page - Texas Instruments TPS40322 Datasheet HTML 20Page - Texas Instruments TPS40322 Datasheet HTML 21Page - Texas Instruments TPS40322 Datasheet HTML 22Page - Texas Instruments TPS40322 Datasheet HTML 23Page - Texas Instruments TPS40322 Datasheet HTML 24Page - Texas Instruments TPS40322 Datasheet HTML 25Page - Texas Instruments TPS40322 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
(
)
(
)
(
) (
)
(
)
(
)
(
)
2
2
2
2
2
2
1
1
1
RIPPLE1
OUT1
RIPPLE1
L1 rms
L1 avg
12
12
12
I
I
I
I
I
10
2.5
10.026 A
=
+
´
=
+
´
=
+
´
=
(
)
D
´
D
D
D
´
<
´ D =
´
=
´
2
OUT1
OUT1
OUT1
OUT1
OVER1
OUT1
OUT1
OUT1
OUT1
OUT1
I
L1
I
I
I
L1
V
t
C
C
V
V
C
(
)
(
)
2
OUT1
OUT1
OUT1
OUT1
UNDER1
OUT1
OUT1
IN
OUT1
IN
OUT1
OUT1
I
L1
I
I
I
L1
V
t
C
C
V
V
V
V
C
D
´
D
D
D
´
<
´ D =
´
=
-
-
´
(
)
2
2
OUT1
OUT1(min)
OUT
OVER1
I
L1
5
0.88 H
C
458 F
V
V
1.2
40 mV
D
´
´
m
=
=
=
m
´
´
RIPPLE1
RIPPLE1
RIPPLE1
RIPPLE(cap)
OUT1
SW
MAX
RIPPLE1
RIPPLE1
I
2.5 A
V
24 mV
V
V
8
C
f
8
458 F
500 kHz
ESR
9 m
I
I
2.5 A
æ
ö
æ
ö
-
-
ç
÷
ç
÷
-
´
´
´
m
´
è
ø
è
ø
=
=
=
=
W
(
)
OUT1
OUT1
CHARGE
SS
1.2 V
2
220 F
2
10 F
2
3.3 F
1 F
V
C
I
0.281A
t
2ms
´
´
m
+
´
m
+
´
m
+ m
´
=
=
=
(
)
(
)
(
)
1
1
OUT1(max)
RIPPLE1
CHARGE
L1 peak
2
2
I
I
I
I
10 A
2.5A
0.281A
11.53 A
=
+
´
+
=
+
´
+
=
TPS40322
SLUSAF8
– JUNE 2011
www.ti.com
The RMS current through the inductor is approximated by the equation:
(9)
Output Capacitor Selection (C10 through C16)
The selection of the output capacitor is typically driven by the output transient response requirement.
Equation 10and Equation 11 over-estimate the voltage deviation to account for delays in the loop bandwidth and
can be used to determine the required output capacitance:
(10)
(11)
When VIN(min) > 2 x VOUT1, use the overshoot equation, VOVER1, to calculate minimum output capacitance. When
VIN(min) < 2 x VOUT1 use Equation 11, VUNDER1, to calculate minimum output capacitance. In this design example,
VIN(min) is much larger than 2 x VOUT1 so Equation 12 is used to determine the required minimum output
capacitance.
(12)
With a minimum capacitance, the maximum allowable ESR is determined by the maximum ripple voltage and is
approximated by Equation 13.
(13)
Two 220-
µF, 4-V, aluminum electrolytic capacitors were chosen for load response requirements. Additionally two
0805 10-
µF, X7R, along with two 0603, 3.3-µF X5R, and one 1-µF, X5R ceramic capacitors are selected for low
ESR and high frequency decoupling.
Peak Current Rating of Inductor
With the output capacitance known, it is possible to calculate the charge current during start-up and determine
the minimum saturation current rating for the inductor. The start-up charging current is approximated using
Equation 14.
(14)
(15)
Table 3. Inductor Requirements Summary
PARAMETER
VALUE
UNITS
L1
Inductance
0.88
µH
IL1_RMS
RMS current (thermal rating)
10.026
A
IL1_PEAK
Peak current (saturation rating)
11.53
A
22
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBR TI1-TPS40322RHBR Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com