Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS40322 Datasheet HTML 10Page - Texas Instruments TPS40322 Datasheet HTML 11Page - Texas Instruments TPS40322 Datasheet HTML 12Page - Texas Instruments TPS40322 Datasheet HTML 13Page - Texas Instruments TPS40322 Datasheet HTML 14Page - Texas Instruments TPS40322 Datasheet HTML 15Page - Texas Instruments TPS40322 Datasheet HTML 16Page - Texas Instruments TPS40322 Datasheet HTML 17Page - Texas Instruments TPS40322 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
R1
C1
L
DCR
10
A
ILIM1
L1
VOUT1
SW1
UDG-11114
+
RILIM
+
OC
ACS=15
CS1–
CS1+
IOUT
æ
ö
æ
ö
+
´
´
ç
÷
ç
÷
è
ø
è
ø
=
RIPPLE
OC
CS
LIM
ILIM
I
I
DCR
A
2
R
I
TPS40322
SLUSAF8
– JUNE 2011
www.ti.com
Overcurrent Protection
The TPS40322 has dedicated ILIM pins for each channel for use when operating in dual-output mode. When
operating in multi-phase mode, both channels share the same overcurrent level set by ILIM1. The overcurrent
level is set with a resistor connected from the ILIMx pin to analog ground. The sensed current signal is amplified
by the CS amplifier with a gain of 15, and then compared with the established overcurrent level to determine if
there is an OC fault. This design is shown in Figure 17.
Figure 17. Overcurrent Protection
Equation 3 shows the current limit resistance (RLIM) calculation for desired overcurrent limit.
where
IOC is the desired DC over current limit level
IRIPPLE is the inductor peak-peak ripple current
DCR is the inductor DC resistance
ACS is the current sensing amplifier gain (typically 15)
IILIM is the internal source current out of ILIMx pin (typically 10 µA)
(3)
The TPS40322 implements cycle-by-cycle current limit when the inductor peak current has exceeded the set
limit. When the controller counts three consecutive clock cycles of an overcurrent condition, the high-side and
low-side MOSFETs are turned off and the controller enters a hiccup mode. After six soft-start cycles, normal
switching is attempted. If the overcurrent has cleared, normal operation resumes, otherwise the sequence
repeats.
14
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBR TI1-TPS40322RHBR Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com