Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS40322 Datasheet HTML 9Page - Texas Instruments TPS40322 Datasheet HTML 10Page - Texas Instruments TPS40322 Datasheet HTML 11Page - Texas Instruments TPS40322 Datasheet HTML 12Page - Texas Instruments TPS40322 Datasheet HTML 13Page - Texas Instruments TPS40322 Datasheet HTML 14Page - Texas Instruments TPS40322 Datasheet HTML 15Page - Texas Instruments TPS40322 Datasheet HTML 16Page - Texas Instruments TPS40322 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
´
=
L1
R1 C1
DCR
R1
C1
L
DCR
+
VC
CS1–
CS1+
L1
VOUT1
VIN
UDG-11112
TPS40322
www.ti.com
SLUSAF8
– JUNE 2011
Input Voltage Feed-Forward
The TPS40322 uses input voltage feed-forward to maintain a constant power stage gain as the input voltage
varies and provides very good response to input voltage transient disturbances. The simple constant power
stage gain of the controller greatly simplifies feedback loop design because the loop characteristics remain
constant as the input voltage changes, unlike a typical buck converter without voltage feed-forward. For modeling
purposes, the gain from the COMP pin to the average voltage at the input of the L-C filter is typically 8.5 V/V.
Current Sensing
The TPS40322 uses a differential current sense design to sense the output current. The sense element can be
either the series resistance of the power stage filter inductor or a separate current sense resistor. When using
the inductor series resistance as shown in Figure 16, an R-C filter must be used to remove the large AC
component voltage across the inductor so that only the component of the voltage that remains is across the
resistance of the inductor. (See Figure 16)
The values of R1 and C1 for an ideal design can be calculated using Equation 2. The time constant of the R-C
filter should equal the time constant of the inductor itself. If the time constants are equal, the voltage across C1
equals the current in the inductor multiplied by the inductor resistance. The inductor ripple current is reflected in
the voltage across C1. Typically a capacitor with a value of 0.1-
µF is recommended for C1.
Please refer to the LAYOUT CONSIDERATIONS section for proper placement of the sensing elements.
(2)
Figure 16. Inductor DCR Current Sensing
Copyright
© 2011, Texas Instruments Incorporated
13


Similar Part No. - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBR TI1-TPS40322RHBR Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com