Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS40322 Datasheet HTML 8Page - Texas Instruments TPS40322 Datasheet HTML 9Page - Texas Instruments TPS40322 Datasheet HTML 10Page - Texas Instruments TPS40322 Datasheet HTML 11Page - Texas Instruments TPS40322 Datasheet HTML 12Page - Texas Instruments TPS40322 Datasheet HTML 13Page - Texas Instruments TPS40322 Datasheet HTML 14Page - Texas Instruments TPS40322 Datasheet HTML 15Page - Texas Instruments TPS40322 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
RA
+
RBIAS
COMPx
UDG-11111
VREF
VOUTx
æ
ö
=
´
+
ç
÷
è
ø
A
OUT
BIAS
R
V
0.6 V
1
R
TPS40322
SLUSAF8
– JUNE 2011
www.ti.com
FUNCTIONAL DESCRIPTION
General Description/Control Architecture
The TPS40322 is a flexible synchronous buck controller. It can be used as a dual-output controller, or as a
multi-phase single-output controller. It operates with a wide input range from 3 V to 20 V and generates accurate
regulated output as low as 600 mV.
In dual output mode, voltage mode control with input feed-forward architecture is implemented. With this
architecture, the benefits are less noise sensitivity, no control instability issues for small DCR applications, and a
smaller minimum controllable on-time, often desired for high conversion ratio applications.
In two-phase single-output mode, a current-sharing loop is implemented to ensure a balance of current between
phases. Because the induced error current signal to the loop is much smaller when compared to the PWM ramp
amplitude, the control loop is modeled as voltage mode with input feed-forward.
DESIGN NOTE
When the device is operating in dual output mode, DIFFO must be floating or tied to BP6.
Voltage Reference
The 600-mV bandgap cell is internally connected to the non-inverting input of the error amplifier. The reference
voltage is trimmed with the error amplifier in a unity gain configuration to remove amplifier offset from the final
regulation voltage. The 0.5-% tolerance on the reference voltage allows the user to design a very accurate power
supply.
Output Voltage Setting
The output voltages of the TPS40322 are set by using external feedback resistor dividers as shown in Figure 15.
The regulated output voltage (VOUT) is determined by Equation 1.
Figure 15. Setting the Output Voltage
(1)
12
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBR TI1-TPS40322RHBR Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com