Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 1 Page - Texas Instruments

  TPS40322 Datasheet HTML 1Page - Texas Instruments TPS40322 Datasheet HTML 2Page - Texas Instruments TPS40322 Datasheet HTML 3Page - Texas Instruments TPS40322 Datasheet HTML 4Page - Texas Instruments TPS40322 Datasheet HTML 5Page - Texas Instruments TPS40322 Datasheet HTML 6Page - Texas Instruments TPS40322 Datasheet HTML 7Page - Texas Instruments TPS40322 Datasheet HTML 8Page - Texas Instruments TPS40322 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
22
21
30
28
13
14
8
7
CS2+
PG2
FB2
COMP2
LDRV1
PGND1
ILIM1
CS1+
TPS40322
27
4
5
2
1
32
10
SYNC
PHSET
EN/SS2
PG1
FB1
COMP1
RT
6
AGND
3
EN/SS1
12
CS2–
29
CS1–
31
24
25
23
UVLO
HDRV1
BOOT1
SW1
18
19
11
LDRV2
PGND2
ILIM2
16
15
17
HDRV2
BOOT2
SW2
20
BP6
26
VDD
VOUT1
VOUT2
VIN
3 V
to
20 V
UDG-10215
9
DIFFO
TPS40322
www.ti.com
SLUSAF8
– JUNE 2011
Dual Output or Two-Phase Synchronous Buck Controller
1
FEATURES
DESCRIPTION
The TPS40322 is a dual-output, synchronous buck
Dual- or Multi-phase Synchronous Buck
controller.
It
can
also
be
configured
as
a
Controller
single-output,
two-phase
controller.
The
180
°
180
° Out-of-Phase Reduces Input Ripple
out-of-phase operation reduces the input current
Input Voltage Range from 3 V to 20 V
ripple and extends the input capacitor lifetime.
Output Voltage Range: 0.6 V to 5.6 V
Bi-directional master/slave synchronization function
provides
evenly
distributed
phase
shift
for
a
Adjustable Frequency 100 kHz to 1 MHz
four-output system that reduces input ripple further
Bidirectional SYNC with 0
°/180° or 90°/270°
and attenuates the system noise.
Phase Shift
Voltage Mode Control With Input Feed-forward
The wide input range can support 3.3-V, 5-V, and
12-V buses. The accurate reference voltage satisfies
Accurate Current Sharing for Multi-phase
the precision voltage need of the modern ASICs and
Operation
potentially
reduces
the
output
capacitance
Individual PowerGood Outputs
requirement.
Separate
PGOOD
signals
provide
Individual Enable and Programmable Soft
flexibility for system monitoring and sequencing. The
Start, With Pre-bias Start-up
two channels are independently controlled and each
±0.5%, 600-mV Reference
soft-start time is programmable. Voltage mode control
is implemented to reduce noise sensitivity and also
Output UV/OV Protection and Input
ensures low duty ratio conversion.
Undervoltage Lockout
Individual Overcurrent Limit Setting
.
Hiccup Overcurrent Protection
SIMPLIFIED APPLICATION CIRCUIT
Accurate Inductor DCR or Resistive Current
Sensing
Remote Sense for Multi-phase Applications
Internal N-Channel FET Drivers
Integrated Bootstrap Switches
Available in 5 mm
× 5 mm 32-Pin QFN Package
APPLICATIONS
Multiple Rail Systems
Telecom Base Station
Switcher/Router Networking
xDSL Broadband Access
Server and Storage System
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBR TI1-TPS40322RHBR Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com