Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS40322 Datasheet HTML 17Page - Texas Instruments TPS40322 Datasheet HTML 18Page - Texas Instruments TPS40322 Datasheet HTML 19Page - Texas Instruments TPS40322 Datasheet HTML 20Page - Texas Instruments TPS40322 Datasheet HTML 21Page - Texas Instruments TPS40322 Datasheet HTML 22Page - Texas Instruments TPS40322 Datasheet HTML 23Page - Texas Instruments TPS40322 Datasheet HTML 24Page - Texas Instruments TPS40322 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
IN(max)
OUT1
OUT1
OUT1
IN(max)
SW
V
V
V
1
15 V
1.2 V
1.2 V
1
L1
0.736 H
0.3
I
V
f
0.3
10 A
15 V
500 kHz
-
-
»
´
´
=
´
´
=
m
´
´
TPS40322
www.ti.com
SLUSAF8
– JUNE 2011
TPS40322 Design Example 1
Dual-Output Configuration from 12-V Nominal to 1.2-V and 1.8-V DC-to-DC Converter Using the
TPS40322
The following example illustrates the design process and component selection for a dual output synchronous
buck converter using the TPS40322 controller. The design goal parameters are listed in Table 2.
Table 2. TPS40322 Dual Output Design Example Specification
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
INPUT CHARACTERSTICS
VIN
Input voltage
8
12
15
V
VIN(ripple)
Input ripple
IOUT1 = IOUT2 = 10 A
0.25
V
OUTPUT 1 CHARACTERSTICS
VOUT1
Output voltage
IOUT1(min) ≤ IOUT1 ≤ IOUT1(max)
1.2
V
Line regulation
VIN(min) ≤ VIN ≤ VIN(max)
0.5%
Load regulation
IOUT1(min) ≤ IOUT1 ≤ IOUT1(max)
0.5%
VRIPPLE1
Output ripple
IOUT1 = IOUT1(max)
24
mV
VOVER1
Output overshoot
ΔIOUT1 = 5 A
40
mV
VUNDER1
Output undershoot
ΔIOUT1 = 5A
40
mV
IOUT1
Output current
VIN(min) ≤ VIN ≤ VIN(max)
0
10
A
ISCP1
Short circuit current trip point
15
A
OUTPUT 2 CHARACTERSTICS
VOUT2
Output voltage
IOUT2(min) ≤ IOUT2 ≤ IOUT2(max)
1.8
V
Line regulation
VIN(min) ≤ VIN ≤ VIN(max)
0.5%
Load regulation
IOUT2(min) ≤ IOUT2 ≤ IOUT2(max)
0.5%
VRIPPLE2
Output ripple
IOUT2 = IOUT2(max)
36
mV
VOVER2
Output overshoot
ΔIOUT2 = 5 A
40
mV
VUNDER2
Output undershoot
ΔIOUT2 = 5 A
40
mV
IOUT2
Output current
VIN(min) ≤ VIN ≤ VIN(max)
0
10
A
ISCP2
Short circuit current trip point
15
A
GENERAL CHARACTERSTICS
tSS
Soft-start time
VIN = 12 V
2
ms
η
Efficiency
VIN = 12 V, IOUT1= IOUT2 = 10 A
88%
fSW
Switching frequency
500
kHz
Design Procedure
Equations and calculations are shown regarding VOUT1. VOUT2 values can be calculated using similar equations.
Selecting a Switching Frequency
To maintain acceptable efficiency and meet minimum on-time requirements, a 500kHz switching frequency is
selected.
Inductor Selection (L1)
Synchronous BUCK power inductors are typically sized for approximately 20% - 40% peak-to-peak ripple current
(IRIPPLE). Given a target ripple current of 30%, the required inductor size, at maximum rated output current, can
be calculated using Equation 8.
(8)
Selecting a standard, readily available inductor, with a rated inductance is 0.88
µH at 10 A, IRIPPLE1 = 2.5 A
Copyright
© 2011, Texas Instruments Incorporated
21


Similar Part No. - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBR TI1-TPS40322RHBR Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com