Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS40322 Datasheet HTML 16Page - Texas Instruments TPS40322 Datasheet HTML 17Page - Texas Instruments TPS40322 Datasheet HTML 18Page - Texas Instruments TPS40322 Datasheet HTML 19Page - Texas Instruments TPS40322 Datasheet HTML 20Page - Texas Instruments TPS40322 Datasheet HTML 21Page - Texas Instruments TPS40322 Datasheet HTML 22Page - Texas Instruments TPS40322 Datasheet HTML 23Page - Texas Instruments TPS40322 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
TPS40322
SLUSAF8
– JUNE 2011
www.ti.com
LAYOUT CONSIDERATIONS
Power Stage
A synchronous BUCK power stage has two primary current loops. The input current loop carries high AC
discontinuous current while the output current loop carries high DC continuous current. The input current loop
includes the input capacitors, the main switching MOSFET, the inductor, the output capacitors and the ground
path back to the input capacitors. To maintain the loop as small as possible, it is generally good practice to place
some ceramic capacitance directly between the drain of the main switching MOSFET and the source of the
synchronous rectifier (SR) through a power ground plane directly under the MOSFETs. The output current loop
includes the SR MOSFET, the inductor, the output capacitors, and the ground return between the output
capacitors and the source of the SR MOSFET. As with the input current loop, the ground return between the
output capacitor ground and the source of the SR MOSFET should be routed under the inductor and SR
MOSFET to minimize the power loop area. The SW node area should be as small as possible to reduce the
parasitic
capacitance
and
minimize
the
radiated
emissions.
The
gate
drive
loop
impedance
(HDRV-gate-source-SW and LDRV-gate-source- GND) should be kept to as low as possible. The HDRV and
LDRV connections should widen to 20 mils as soon as possible out from the device pin.
Device Peripheral
The TPS40322 provides separate signal ground (AGND) and power ground (PGND1 and PGND2) pins. It is
required to properly separate the circuit grounds. The return path for the pins associated with the power stage
should be through PGND. The other pins (especially for those sensitive pins such as FB1, FB2, RT, ILIM1, and
ILIM2) should be through the low noise AGND. The AGND and PGND planes are suggested to be connected at
the output capacitor with single 20-mil trace. A minimum 0.1-
µF ceramic capacitor must be placed as close to the
VDD pin and AGND as possible with at least 15-mil wide trace from the bypass capacitor to the AGND. A
minimum value of 3.3-
µF ceramic capacitor should be connected from BP6 to PGND, placed as close to the BP6
pin as possible. When DCR sensing method is applied, the sensing resistor should be placed close to the SW
node and connected to the inductor with a Kelvin connection. The sensing traces from the power stage to the
chip should be away from the switching components. The sensing capacitor should be placed very close to the
CS+ and CS- pins for each output. The frequency setting resistor should be placed as close to RT pin and AGND
as possible. In multi-phase mode, the ILIM2/VSNS and EN2/SS2/GSNS pins should be directly connected to the
point of load where the voltage regulation is required. A parallel pair of 10-mil traces connects the regulated
voltage back to the chip. They should be away from the switching components. The PowerPAD
™ should be
electrically connected to AGND.
PowerPAD
™ Layout
The PowerPAD
™ package provides low thermal impedance for heat removal from the device. The PowerPAD™
derives its name and low thermal impedance from the large bonding pad on the bottom of the device. The circuit
board must have an area of solder-tinned-copper underneath the package. The dimensions of this area depend
on the size of the PowerPAD
™ package.
Thermal vias connect this area to internal or external copper planes and should have a drill diameter sufficiently
small so that the via hole is effectively plugged when the barrel of the via is plated with copper. This plug is
needed to prevent wicking the solder away from the interface between the package body and the solder-tinned
area under the device during solder reflow. Drill diameters of 0.33 mm (13 mils) works well when 1-oz. copper is
plated at the surface of the board while simultaneously plating the barrel of the via. If the thermal vias are not
plugged when the copper plating is performed, then a solder mask material should be used to cap the vias with a
diameter equal to the via diameter plus 0.1 mm minimum. This capping prevents the solder from being wicked
through the thermal vias and potentially creating a solder void under the package. Refer to PowerPAD
Thermally Enhanced Package (TI LIterature Number SLMA002) for more information on the PowerPAD
package.
20
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBR TI1-TPS40322RHBR Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com