Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40322 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40322
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS40322 Datasheet HTML 15Page - Texas Instruments TPS40322 Datasheet HTML 16Page - Texas Instruments TPS40322 Datasheet HTML 17Page - Texas Instruments TPS40322 Datasheet HTML 18Page - Texas Instruments TPS40322 Datasheet HTML 19Page - Texas Instruments TPS40322 Datasheet HTML 20Page - Texas Instruments TPS40322 Datasheet HTML 21Page - Texas Instruments TPS40322 Datasheet HTML 22Page - Texas Instruments TPS40322 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
(
)
æ
ö
+
=
´ ç
÷
ç
÷
è
ø
ON1
ON2
ON2
R
R
VIN _ UVLO
1.24 V
R
=
m
´
ON1
VIN _ HYS
15 A
R
UDG-11118
UVLO
RON2
RON1
VIN
+
TPS40322
VIN_OK
15 mA
TPS40322
www.ti.com
SLUSAF8
– JUNE 2011
Overvoltage and Undervoltage Fault Protection
The TPS40322 has output overvoltage protection and undervoltage protection capability. The comparators that
regulate the overvoltage and undervoltage conditions use the FBx pin as the output sensing point so the filtering
effect of the compensation network connected from COMPx to FBx has an effect on the speed of detection. As
the output voltage rises or falls below the nominal value, the error amplifier attempts to force FBx to match its
reference voltage. When the error amplifier is no longer able to do this, the FB pin begins to drift and trip the
overvoltage threshold (VOVP) or the undervoltage threshold (VUVP) as described in the ELECTRICAL
CHARACTERISTICS table.
When an undervoltage fault is detected, the TPS40322 enters hiccup mode and resumes normal operation when
the fault is cleared.
When an overvoltage fault is detected, the TPS40322 turns off the high-side MOSFET and latches on the
low-side MOSFET to discharge the output current to the regulation level (within the power good window)
When operating in dual-channel mode, both channels have identical but independent protection schemes which
means one channel would not be affected when the other channel is in fault mode.
When operating in multi-phase mode, only the FB1 pin is detected for overvoltage and undervoltage fault.
Therefore both channels take action together during a fault.
Input Undervoltage Lockout (UVLO)
A dedicated UVLO pin allows the user to program the desired input turn-on threshold voltage. The diagram is
shown in Figure 22. The desired input turn-on threshold can be calculated using Equation 6. The input turn off
hysteresis can be calculated using Equation 7.
(6)
(7)
Figure 22. Input UVLO Diagram
Power Good
The TPS40322 provides an indication that output is good for each channel. This is an open-drain signal and pulls
low when any condition exists that would indicate that the output of the supply might be out of regulation. These
conditions include:
Feedback voltage (VFB) is more than ±12.5% from nominal
Soft-start is active
Thermal Shutdown
If the junction temperature of the device reaches the thermal shutdown limit of 150
°C, the PWMs and the
oscillators are turned off and HDRVs and LDRVs are driven low. When the junction cools to the required level
(130
°C typical), the PWM initiates soft start as during a normal power-up cycle.
Copyright
© 2011, Texas Instruments Incorporated
19


Similar Part No. - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322RHBR TI1-TPS40322RHBR Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322RHBT TI1-TPS40322RHBT Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Similar Description - TPS40322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com