Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE8250G Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE8250G
Description  High Speed CAN-Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250G Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE8250G Datasheet HTML 11Page - Infineon Technologies AG TLE8250G Datasheet HTML 12Page - Infineon Technologies AG TLE8250G Datasheet HTML 13Page - Infineon Technologies AG TLE8250G Datasheet HTML 14Page - Infineon Technologies AG TLE8250G Datasheet HTML 15Page - Infineon Technologies AG TLE8250G Datasheet HTML 16Page - Infineon Technologies AG TLE8250G Datasheet HTML 17Page - Infineon Technologies AG TLE8250G Datasheet HTML 18Page - Infineon Technologies AG TLE8250G Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
TLE8250G
Electrical Characteristics
Data Sheet
15
Rev. 1.0, 2010-06-02
Receive only Input NRM
7.1.19 HIGH level input voltage
threshold
V
NRM,H
–0.5
×
V
CC
0.7
×
V
CC
V
Normal Operation mode
7.1.20 LOW level input voltage
threshold
V
NRM,L
0.3
×
V
CC
0.4
×
V
CC
V
Receive-Only mode
7.1.21 NRM pull-up resistance
R
NRM
10
25
50
k
7.1.22 NRM input hysteresis
VNRM(Hys)
200
mV
1)–
Bus Receiver
7.1.23 Differential receiver threshold
“Dominant”
V
DIFF,(D)
0.75
0.9
V
Normal Operation mode
7.1.24 Differential receiver threshold
“Recessive”
V
DIFF,(R)
0.5
0.6
Normal Operation mode
7.1.25 Differential receiver input
range - “Dominant”
V
diff,rdN
0.9
5.0
V
Normal Operation mode
7.1.26 Differential receiver input
range - “Recessive”
V
diff,drN
-1.0
0.5
V
Normal Operation mode
7.1.27 Common Mode Range
CMR
-12
12
V
VCC = 5 V
7.1.28 Differential receiver hysteresis Vdiff,hys
100
mV
1)–
7.1.29 CANH, CANL input resistance Ri
10
20
30
k
“Recessive” state
7.1.30 Differential input resistance
Rdiff
20
40
60
k
“Recessive” state
Bus Transmitter
7.1.31 CANL/CANH recessive output
voltage
VCANL/H
2.0
2.5
3.0
V
VTxD = VCC;
no load
7.1.32 CANH, CANL recessive
output voltage difference
Vdiff
-500
50
mV
VTxD = VCC;
no load
7.1.33 CANL dominant output voltage VCANL
0.5
2.25
V
VTxD = 0 V;
50
Ω < RL <65 Ω
7.1.34 CANH dominant output voltage VCANH
2.75
4.5
V
VTxD = 0 V;
50
Ω < RL <65 Ω
7.1.35 CANH, CANL dominant output
voltage difference
Vdiff = VCANH - VCANL
Vdiff
1.5
3.0
V
VTxD = 0 V;
50
Ω < RL <65 Ω
7.1.36 Driver Symmetry
VSYM = VCANH + VCANL
VSYM
4.5
5.5
V
VTxD = 0 V; VCC = 5 V
50
Ω < RL <65 Ω
7.1.37 CANL short circuit current
ICANLsc
50
100
200
mA
VCANLshort = 18 V
7.1.38 CANH short circuit current
I
CANHsc
-200
-100
-50
mA
V
CANHshort = 0 V
7.1.39 Leakage current
I
CANHL,lk
-5
0
5
µA
V
CC = 0 V; VCANH = VCANL;
0 V <
V
CANH,L < 5 V
Table 6
Electrical Characteristics (cont’d)
4.75 V <
V
CC < 5.25 V; RL = 60 Ω; Tj = -40 °C to +150 °C; all voltages with respect to ground; positive current
flowing into pin; unless otherwise specified.
Pos. Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.


Similar Part No. - TLE8250G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 24P
   High Speed CAN-Transceiver
Rev. 1.1, 2014-10-09
TLE8250G INFINEON-TLE8250G Datasheet
896Kb / 28P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
1Mb / 28P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-09-03
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
1Mb / 28P
   High Speed CAN-Transceiver
Rev. 1.1, 2014-10-08
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
More results

Similar Description - TLE8250G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com