Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE8250G Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE8250G
Description  High Speed CAN-Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250G Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE8250G Datasheet HTML 10Page - Infineon Technologies AG TLE8250G Datasheet HTML 11Page - Infineon Technologies AG TLE8250G Datasheet HTML 12Page - Infineon Technologies AG TLE8250G Datasheet HTML 13Page - Infineon Technologies AG TLE8250G Datasheet HTML 14Page - Infineon Technologies AG TLE8250G Datasheet HTML 15Page - Infineon Technologies AG TLE8250G Datasheet HTML 16Page - Infineon Technologies AG TLE8250G Datasheet HTML 17Page - Infineon Technologies AG TLE8250G Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Data Sheet
14
Rev. 1.0, 2010-06-02
TLE8250G
Electrical Characteristics
7
Electrical Characteristics
7.1
Functional Device Characteristics
Table 6
Electrical Characteristics
4.75 V <
V
CC < 5.25 V; RL = 60 Ω; Tj = -40 °C to +150 °C; all voltages with respect to ground; positive current
flowing into pin; unless otherwise specified.
Pos. Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.
Current Consumption
7.1.1 Current consumption
ICC
6
10
mA
“Recessive” state;
VTxD = VCC
7.1.2 Current consumption
ICC
45
70
mA
“Dominant” state;
VTxD = 0 V
7.1.3 Current consumption
ICC(ROM)
6
10
mA
Receive-Only mode
NRM = “Low”
7.1.4 Current consumption
ICC(STB)
–7
15
µA
Stand-By mode;
TxD = NRM = “High”
Supply Resets
7.1.5
V
CC under-voltage monitor
V
CC(UV)
1.3
3.2
4.3
V
7.1.6
V
CC under-voltage monitor
hysteresis
V
CC(UV,H)
200
mV
1)
7.1.7
V
CC under-voltage blanking
time
t
blank(UV)
–15
µs
1)
Receiver Output: RxD
7.1.8 HIGH level output current
IRD,H
–-4
-2
mA
VRxD = 0.8 × VCC
VDIFF < 0.5 V
7.1.9 LOW level output current
IRD,L
24
mA
VRxD = 0.2 × VCC
VDIFF > 0.9 V
Transmission Input: TxD
7.1.10 HIGH level input voltage
threshold
VTD,H
–0.5
×
V
CC
0.7
×
V
CC
V
“Recessive” state
7.1.11 LOW level input voltage
threshold
VTD,L
0.3
×
V
CC
0.4
×
V
CC
V
“Dominant” state
7.1.12 TxD pull-up resistance
RTD
10
25
50
k
7.1.13 TxD input hysteresis
VHYS(TxD)
200
mV
1)
7.1.14 TxD permanent dominant
disable time
tTxD
0.3
1.0
ms
Not Enable Input NEN
7.1.15 HIGH level input voltage
threshold
V
NEN,H
–0.5
×
V
CC
0.7
×
V
CC
V
Stand-By mode;
7.1.16 LOW level input voltage
threshold
V
NEN,L
0.3
×
V
CC
0.4
×
V
CC
V
Normal Operation mode;
7.1.17 NEN pull-up resistance
R
NEN
10
25
50
k
7.1.18 NEN input hysteresis
VHYS(NEN)
200
mV
1)


Similar Part No. - TLE8250G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 24P
   High Speed CAN-Transceiver
Rev. 1.1, 2014-10-09
TLE8250G INFINEON-TLE8250G Datasheet
896Kb / 28P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
1Mb / 28P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-09-03
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
1Mb / 28P
   High Speed CAN-Transceiver
Rev. 1.1, 2014-10-08
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
More results

Similar Description - TLE8250G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com