Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE8250G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE8250G
Description  High Speed CAN-Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE8250G Datasheet HTML 8Page - Infineon Technologies AG TLE8250G Datasheet HTML 9Page - Infineon Technologies AG TLE8250G Datasheet HTML 10Page - Infineon Technologies AG TLE8250G Datasheet HTML 11Page - Infineon Technologies AG TLE8250G Datasheet HTML 12Page - Infineon Technologies AG TLE8250G Datasheet HTML 13Page - Infineon Technologies AG TLE8250G Datasheet HTML 14Page - Infineon Technologies AG TLE8250G Datasheet HTML 15Page - Infineon Technologies AG TLE8250G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Data Sheet
12
Rev. 1.0, 2010-06-02
TLE8250G
General Product Characteristics
6
General Product Characteristics
6.1
Absolute Maximum Ratings
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
Table 3
Absolute Maximum Ratings Voltages, Currents and Temperatures1)
All voltages with respect to ground; positive current flowing into pin;
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Voltages
6.1.1
Supply voltage
VCC
-0.3
6.0
V
6.1.2
CANH DC voltage versus
GND
V
CANH
-40
40
V
6.1.3
CANL DC voltage versus
GND
V
CANL
-40
40
V
6.1.4
Differential voltage
between CANH and CANL
VCAN diff
-40
40
V
6.1.5
Logic voltages at NEN,
NRM, TxD, RxD
VI
-0.3
6.0
V
Temperatures
6.1.6
Junction temperature
Tj
-40
150
°C–
6.1.7
Storage temperature
TS
- 55
150
°C–
ESD Resistivity
6.1.8
ESD Resistivity at CANH,
CANL versus GND
V
ESD
-8
8
kV
Human Body Model
(100pF via 1.5 k
Ω)2)
6.1.9
ESD Resistivity all other
pins
V
ESD
-2
2
kV
Human Body Model
(100pF via 1.5 k
Ω)2)
1) Not subject to production test, specified by design
2) ESD susceptibility HBM according to EIA / JESD 22-A 114


Similar Part No. - TLE8250G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 24P
   High Speed CAN-Transceiver
Rev. 1.1, 2014-10-09
TLE8250G INFINEON-TLE8250G Datasheet
896Kb / 28P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
1Mb / 28P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-09-03
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
1Mb / 28P
   High Speed CAN-Transceiver
Rev. 1.1, 2014-10-08
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
More results

Similar Description - TLE8250G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com