Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE8250G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE8250G
Description  High Speed CAN-Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE8250G Datasheet HTML 6Page - Infineon Technologies AG TLE8250G Datasheet HTML 7Page - Infineon Technologies AG TLE8250G Datasheet HTML 8Page - Infineon Technologies AG TLE8250G Datasheet HTML 9Page - Infineon Technologies AG TLE8250G Datasheet HTML 10Page - Infineon Technologies AG TLE8250G Datasheet HTML 11Page - Infineon Technologies AG TLE8250G Datasheet HTML 12Page - Infineon Technologies AG TLE8250G Datasheet HTML 13Page - Infineon Technologies AG TLE8250G Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Data Sheet
10
Rev. 1.0, 2010-06-02
TLE8250G
Fail Safe Functions
5
Fail Safe Functions
5.1
Short circuit protection
The CANH and CANL bus outputs are short-circuit-proof, either against GND or a positive supply voltage. A
current limiting circuit protects the transceiver against damages. If the device is heating up due to a continuos short
on CANH or CANL, the internal over-temperature protection switches off the bus transmitter.
5.2
Open Logic Pins
All logic input pins have internal pull-up resistor to
V
CC. In case the VCC supply is activated and the logical pins are
open or floating, the TLE8250G enters into the Stand-By mode per default. In Stand-By mode the output driver
stage of the TLE8250G is disabled, the bus biasing is shut off and the HS CAN transceiver TLE8250G will not
influence the data on the CAN bus.
5.3
TxD Time-Out function
The TxD Time-out feature protects the CAN bus against permanent blocking in case the logical signal on the TxD
pin is continuously “Low”. A continuous “Low” signal on the TxD pin can have it’s root cause in a locked-up
microcontroller or in a short on the printed circuit board for example. In Normal Operation mode, a logical “Low”
signal on the TxD pin for the time t > tTXD the TLE8250G activates the TxD Time-out and the TLE8250G disables
the output driver stage (see Figure 5). The receive unit is still active and the data on the bus are monitored at the
RxD output pin.
Figure 5
TxD Time-Out function
Figure 5 shows how the output driver stage is deactivated and activated again. A permanent “Low” signal on the
TxD input pin activates the TxD time-out function and deactivates the output driver stage. To release the output
driver stage after a TxD time-out event the TLE8250G requires a signal change on the TxD input pin from logical
“Low” to logical “High”.
5.4
Under-Voltage detection
The HS CAN Transceiver TLE8250G is equipped with an under-voltage detection on the power supply
V
CC. In
case of an under-voltage event on
V
CC, the under-voltage detection changes the operation mode of TLE8250G to
the Stand-By mode, regardless of the logical signal on the pins NEN and NRM (see Figure 6). If the transceiver
TLE8250G recovers from the under-voltage event, the operation mode returns to the programmed mode by the
logical pins NEN and NRM.


Similar Part No. - TLE8250G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 24P
   High Speed CAN-Transceiver
Rev. 1.1, 2014-10-09
TLE8250G INFINEON-TLE8250G Datasheet
896Kb / 28P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
1Mb / 28P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-09-03
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
1Mb / 28P
   High Speed CAN-Transceiver
Rev. 1.1, 2014-10-08
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
More results

Similar Description - TLE8250G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com