Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE8250G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE8250G
Description  High Speed CAN-Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE8250G Datasheet HTML 5Page - Infineon Technologies AG TLE8250G Datasheet HTML 6Page - Infineon Technologies AG TLE8250G Datasheet HTML 7Page - Infineon Technologies AG TLE8250G Datasheet HTML 8Page - Infineon Technologies AG TLE8250G Datasheet HTML 9Page - Infineon Technologies AG TLE8250G Datasheet HTML 10Page - Infineon Technologies AG TLE8250G Datasheet HTML 11Page - Infineon Technologies AG TLE8250G Datasheet HTML 12Page - Infineon Technologies AG TLE8250G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TLE8250G
Functional Description
Data Sheet
9
Rev. 1.0, 2010-06-02
4.3
Normal Operation Mode
In Normal Operation mode the HS CAN transceiver TLE8250G sends the serial data stream on the TxD pin to the
CAN bus while at the same time the data available on the CAN bus are monitored to the RxD pin. In Normal
Operation mode all functions of the TLE8250G are active:
The output driver stage is active and drives data from the TxD to the CAN bus.
The receiver unit is active and provides the data from the CAN bus to the RxD pin.
The bus basing is set to
V
CC/2.
The under-voltage monitoring on the power supply
V
CC is active.
To enter the Normal Operation mode set the pin NRM to logical “High” and the pin NEN to logical “Low” (see
Table 2 or Figure 4). Both pins, the NEN pin and the NRM pin have internal pull-up resistors to the power-supply
V
CC.
4.4
Receive-Only Mode
The Receive-Only mode can be used to test the connection of the bus medium. The TLE8250G can still receive
data from the bus, but the output driver stage is disabled and therefore no data can be sent to the CAN bus. All
other functions are active:
The output driver stage is disabled and data which are available on the TxD pin are blocked and not send to
the CAN bus.
The receiver unit is active and provides the data from the CAN bus to the RxD output pin.
The bus basing is set to
V
CC/2.
The under-voltage monitoring on the power supply
V
CC is active.
To enter the Receive-Only mode set the pin NRM to logical “Low” and the pin NEN to logical “Low” (see Table 2
or Figure 4). In case the Receive-Only mode will not be used, the NRM pin can be left open.
4.5
Stand-By Mode
Stand-By mode is an idle mode of the TLE8250G with optimized power consumption. In Stand-By mode the
TLE8250G can not send or receive any data. The output driver stage and the receiver unit are disabled. Both CAN
bus pins, CANH and CANL are floating.
The output driver stage is disabled.
The receiver unit is disabled.
The bus basing is floating.
The under-voltage monitoring on the power supply
V
CC is active.
To enter the Stand-By mode set the pin NEN to logical “High”, the logical state of the NRM pin has no influence
for the mode selection (see Table 2 or Figure 4). Both pins the NEN and the NRM pin have an internal pull-up
resistor to the power-supply
V
CC. If the Stand-By mode is not used in the application, the NEN pin needs to get
connected to GND.
In case the NRM pin is set to logical “Low” in Stand-By mode, the internal pull-up resistor causes an additional
quiescent current from
V
CC to GND, therefore it is recommended to set the NRM pin to logical “High” in Stand-By
mode or leave the pin open if the Receive-Only mode is not used in the application.
4.6
Power Down Mode
Power Down mode means the TLE8250G is not supplied. In Power Down the differential input resistors of the
receiver stage are switched off. The CANH and CANL bus interface of the TLE8250G acts as an high impedance
input with a very small leakage current. The high ohmic input doesn’t influence the “Recessive” level of the CAN
network and allows an optimized EME performance of the whole CAN network.


Similar Part No. - TLE8250G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 24P
   High Speed CAN-Transceiver
Rev. 1.1, 2014-10-09
TLE8250G INFINEON-TLE8250G Datasheet
896Kb / 28P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
1Mb / 28P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-09-03
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
1Mb / 28P
   High Speed CAN-Transceiver
Rev. 1.1, 2014-10-08
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
More results

Similar Description - TLE8250G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com