Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE8250G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE8250G
Description  High Speed CAN-Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE8250G Datasheet HTML 3Page - Infineon Technologies AG TLE8250G Datasheet HTML 4Page - Infineon Technologies AG TLE8250G Datasheet HTML 5Page - Infineon Technologies AG TLE8250G Datasheet HTML 6Page - Infineon Technologies AG TLE8250G Datasheet HTML 7Page - Infineon Technologies AG TLE8250G Datasheet HTML 8Page - Infineon Technologies AG TLE8250G Datasheet HTML 9Page - Infineon Technologies AG TLE8250G Datasheet HTML 10Page - Infineon Technologies AG TLE8250G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TLE8250G
Functional Description
Data Sheet
7
Rev. 1.0, 2010-06-02
The TLE8250G is a High Speed CAN transceiver, operating as an interface between the CAN controller and the
physical bus medium. A HS CAN network is a two wire, differential network which allows data transmission rates
up to 1 MBaud. Characteristic for a HS CAN network are the two signal states on the CAN bus: “Dominant” and
“Recessive” (see Figure 3).
The pins CANH and CANL are the interface to the CAN bus and both pins operate as an input and as an output.
The pins RxD and TxD are the interface to the microcontroller. The pin TxD is the serial data input from the CAN
controller, the pin RxD is the serial data output to the CAN controller. As shown in Figure 1, the HS CAN
transceiver TLE8250G has a receive and a transmit unit, allowing the transceiver to send data to the bus medium
and monitor the data from the bus medium at the same time. The HS CAN transceiver TLE8250G converts the
serial data stream available on the transmit data input TxD, into a differential output signal on CAN bus, provided
by the pins CANH and CANL. The receiver stage of the TLE8250G monitors the data on the CAN bus and converts
them to a serial, single ended signal on the RxD output pin. A logical “Low” signal on the TxD pin creates a
“Dominant” signal on the CAN bus, followed by a logical “Low” signal on the RxD pin (see Figure 3). The feature,
broadcasting data to the CAN bus and listening to the data traffic on the CAN bus simultaneous is essential to
support the bit to bit arbitration inside CAN networks.
The voltage levels for HS CAN transceivers are defined by the ISO 11898-2 and the ISO 11898-5 standards. If a
data bit is “Dominant” or “Recessive” depends on the voltage difference between pins CANH and CANL:
V
DIFF = VCANH - VCANL.
In comparison to other differential network protocols the differential signal on a CAN network can only be larger or
equal to 0 V. To transmit a “Dominant” signal to the CAN bus the differential signal
V
DIFF is larger or equal to 1.5 V.
To receive a “Recessive” signal from the CAN bus the differential
V
DIFF is smaller or equal to 0.5 V.
Partially supplied CAN networks are networks where the CAN bus participants have different power supply
conditions. Some nodes are connected to the power supply, some other nodes are disconnected from the power
supply. Regardless, if the CAN bus participant is supplied or not supplied, each participant connected to the
common bus media must not disturb the communication. The TLE8250G is designed to support partially supplied
networks. In Power Down mode, the receiver input resistors are switched off and the transceiver input is high
resistive.


Similar Part No. - TLE8250G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 24P
   High Speed CAN-Transceiver
Rev. 1.1, 2014-10-09
TLE8250G INFINEON-TLE8250G Datasheet
896Kb / 28P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
1Mb / 28P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-09-03
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
1Mb / 28P
   High Speed CAN-Transceiver
Rev. 1.1, 2014-10-08
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
More results

Similar Description - TLE8250G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com