Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

511BJ-01 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 511BJ-01
Description  Electronic versions are uncontrolled except when accessed directly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

511BJ-01 Datasheet(HTML) 1 Page - ON Semiconductor

  511BJ-01 Datasheet HTML 1Page - ON Semiconductor 511BJ-01 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30mm FROM TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
C
A
SEATING
PLANE
D
E
0.10 C
A3
A
A1
2X
2X
0.10 C
WDFN6 1.5x1.5, 0.5P
CASE 511BJ−01
ISSUE B
DATE 06 JUL 2010
SCALE 4:1
DIM
A
MIN
MAX
MILLIMETERS
0.70
0.80
A1
0.00
0.05
A3
0.20 REF
b
0.20
0.30
D
E
e
L
PIN ONE
REFERENCE
0.05 C
0.05 C
A
0.10 C
NOTE 3
L2
e
b
B
3
6
6X
1
4
0.05 C
MOUNTING FOOTPRINT*
L1
1.50 BSC
1.50 BSC
0.50 BSC
0.40
0.60
---
0.15
GENERIC
MARKING DIAGRAM*
*This information is generic. Please refer to
device data sheet for actual part marking.
Pb−Free indicator, “G” or microdot “ G”,
may or may not be present.
BOTTOM VIEW
L
5X
DIMENSIONS: MILLIMETERS
0.73
6X
0.35
5X
1.80
0.50
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
A1
A3
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
DETAIL B
DETAIL A
L2
0.50
0.70
TOP VIEW
B
SIDE VIEW
NOTE 4
RECOMMENDED
0.83
X
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
X MG
G
1
(Note: Microdot may be in either location)
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
http://onsemi.com
1
© Semiconductor Components Industries, LLC, 2002
October, 2002 − Rev. 0
Case Outline Number:
XXX
DOCUMENT NUMBER:
STATUS:
NEW STANDARD:
DESCRIPTION:
98AON50296E
ON SEMICONDUCTOR STANDARD
WDFN6, 1.5 X 1.5, 0.5 P
Electronic versions are uncontrolled except when
accessed directly from the Document Repository. Printed
versions are uncontrolled except when stamped
“CONTROLLED COPY” in red.
PAGE 1 OF 2


Similar Part No. - 511BJ-01

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
511BBA200M000BAG SILABS-511BBA200M000BAG Datasheet
234Kb / 26P
CRYSTAL OSCILLATOR 100 kHZ TO 250 MHZ
More results

Similar Description - 511BJ-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
948AL-01 ONSEMI-948AL-01 Datasheet
59Kb / 2P
Electronic versions are uncontrolled except when accessed directly
December, 2008 ??Rev. 01O
751-07 ONSEMI-751-07 Datasheet
66Kb / 3P
Electronic versions are uncontrolled except when accessed directly
February, 2011 ??Rev.07AK
848AB-01 ONSEMI-848AB-01 Datasheet
46Kb / 2P
Electronic versions are uncontrolled except when accessed directly
December, 2007 - Rev. 01C
751BD-01 ONSEMI-751BD-01 Datasheet
59Kb / 2P
Electronic versions are uncontrolled except when accessed directly
December, 2008 ??Rev. 01O
646AA-01 ONSEMI-646AA-01 Datasheet
60Kb / 2P
Electronic versions are uncontrolled except when accessed directly
March, 2009 ??Rev. 01A
510AP-01 ONSEMI-510AP-01 Datasheet
62Kb / 2P
Electronic versions are uncontrolled except when accessed directly
February, 2010 ??Rev. 01O
488AA-01 ONSEMI-488AA-01 Datasheet
63Kb / 2P
Electronic versions are uncontrolled except when accessed directly
August, 2010 ??Rev. 01E
751BE-01 ONSEMI-751BE-01 Datasheet
60Kb / 2P
Electronic versions are uncontrolled except when accessed directly
December, 2008 ??Rev. 01O
523AE-01 ONSEMI-523AE-01 Datasheet
69Kb / 2P
Electronic versions are uncontrolled except when accessed directly
June, 2007 ??Rev. 01A
513AL-01 ONSEMI-513AL-01 Datasheet
71Kb / 2P
Electronic versions are uncontrolled except when accessed directly
October, 2009 ??Rev. 01O
369D-01 ONSEMI-369D-01 Datasheet
55Kb / 2P
Electronic versions are uncontrolled except when accessed directly
December, 2010 ??Rev. 01C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com