Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6643 Datasheet(PDF) 32 Page - Analog Devices

Part # AD6643
Description  Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6643 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD6643 Datasheet HTML 28Page - Analog Devices AD6643 Datasheet HTML 29Page - Analog Devices AD6643 Datasheet HTML 30Page - Analog Devices AD6643 Datasheet HTML 31Page - Analog Devices AD6643 Datasheet HTML 32Page - Analog Devices AD6643 Datasheet HTML 33Page - Analog Devices AD6643 Datasheet HTML 34Page - Analog Devices AD6643 Datasheet HTML 35Page - Analog Devices AD6643 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AD6643
Rev. 0 | Page 32 of 36
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default Notes/
Comments
0x1D
User Test
Pattern 3 LSB
(global)
User Test Pattern 3[7:0]
0x00
0x1E
User Test
Pattern 3
MSB (global)
User Test Pattern 3[15:8]
0x00
0x1F
User Test
Pattern 4 LSB
(global)
User Test Pattern 4[7:0]
0x00
0x20
User Test
Pattern 4
MSB (global)
User Test Pattern 4[15:8]
0x00
0x24
BIST
signature
LSB (local)
BIST signature[7:0]
0x00
Read only
0x25
BIST
signature
MSB (local)
BIST signature[15:8]
0x00
Read only
Digital Feature Control Registers
0x3A
Sync control
(global)
Open
Open
Open
Open
Open
Open
Clock
divider
sync enable
0 = off
1 = on
Master
sync
enable
0 = off
1 = on
0x00
Control register
to synchronize
the clock divider
0x3C
NSR control
(local)
Open
Open
Open
Open
NSR mode
000 = 22% BW mode
001 = 33% BW mode
NSR
enable
0 = off
1 = on
0x00
Noise shaping
requantizer (NSR)
controls
0x3E
NSR tuning
word (local)
Open
Open
NSR tuning word
See the Noise Shaping Requantizer (NSR) section
Equations for the tuning word are dependent on the NSR mode
0x1C
NSR
frequency
tuning word
0x59
SYNC pin
control
(local)
Open
Open
Open
Open
Open
Open
SYNC pin
sensitivity
0 = sync on
high level
1 = sync on
edge
SYNC pin
edge
sensitivity
0 = sync
on
negative
edge
1 = sync
on
positive
edge
1 The channel index register at Address 0x05 should be set to 0x03 (default) when writing to Address 0x00.
MEMORY MAP REGISTER DESCRIPTION
For more information on functions controlled in Register 0x00
to Register 0x25, see the AN-877 Application Note, Interfacing
to High Speed ADCs via SPI, available at www.analog.com.
Sync Control (Register 0x3A)
Bits[7:3]—Reserved
Bit 2—Clock Divider Next Sync Only
If the master sync enable buffer bit (Address 0x3A, Bit0) and
the clock divider sync enable bit (Address 0x3A, Bit 1) are high,
Bit 2 allows the clock divider to sync to the first sync pulse it
receives and to ignore the rest. The clock divider sync enable bit
(Address 0x3A, Bit 1) resets after it syncs.
Bit 1—Clock Divider Sync Enable
Bit 1 gates the sync pulse to the clock divider. The sync signal is
enabled when Bit 1 is high and Bit 0 is high. This is continuous
sync mode.
Bit 0—Master Sync Buffer Enable
Bit 0 must be set high to enable any of the sync functions. If the
sync capability is not used this bit should remain low to
conserve power.


Similar Part No. - AD6643

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6643 AD-AD6643 Datasheet
1Mb / 41P
Dual IF Receiver
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 41P
Dual IF Receiver
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 41P
Dual IF Receiver
More results

Similar Description - AD6643

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
1.8 V Low-Voltage Narrowband FM-IF System
logo
Texas Instruments
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
logo
Analog Devices
AD6642 AD-AD6642 Datasheet
1Mb / 32P
Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
Dual IF Receiver
REV. A
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
Low IF Receiver Reference Design
logo
Analog Devices
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
1.8 V Dual Analog-to-Digital Converter (ADC)
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com