Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6643 Datasheet(PDF) 31 Page - Analog Devices

Part # AD6643
Description  Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6643 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD6643 Datasheet HTML 27Page - Analog Devices AD6643 Datasheet HTML 28Page - Analog Devices AD6643 Datasheet HTML 29Page - Analog Devices AD6643 Datasheet HTML 30Page - Analog Devices AD6643 Datasheet HTML 31Page - Analog Devices AD6643 Datasheet HTML 32Page - Analog Devices AD6643 Datasheet HTML 33Page - Analog Devices AD6643 Datasheet HTML 34Page - Analog Devices AD6643 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
AD6643
Rev. 0 | Page 31 of 36
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default Notes/
Comments
0x0D
Test mode
(local)
User test
mode
control
0 =
continuous/
repeat
pattern
1 = single
pattern then
zeros
Open
Reset PN
long gen
Reset
PN
short
gen
Output test mode
0000 = off (default)
0001 = midscale short
0010 = positive FS
0011 = negative FS
0100 = alternating checkerboard
0101 = PN long sequence
0110 = PN short sequence
0111 = one/zero word toggle
1000 = user test mode
1001 to 1110 = unused
1111 = ramp output
0x00
When this
register is set,
the test data
is placed on the
output pins in
place of normal
data
0x0E
BIST enable
(local)
Open
Open
Open
Open
Open
Reset BIST
sequence
Open
BIST
enable
0x00
0x10
Offset adjust
(local)
Open
Open
Offset adjust in LSBs from +31 to −32
(twos complement format)
0x00
0x14
Output
mode
Open
Open
Open
Output
disable
(local)
Open
Output invert (local)
1 = normal (default)
0 = inverted
Output format
00 = offset
binary
01 = twos
complement
(default)
10 = gray code
11 = reserved
(local)
0x05
Configures the
outputs and
the format of the
data
0x15
Output
adjust
(global)
Open
Open
Open
Open
LVDS output drive current adjust
0000 = 3.72 mA output drive current
0001 = 3.5 mA output drive current (default)
0010 = 3.30 mA output drive current
0011 = 2.96 mA output drive current
0100 = 2.82 mA output drive current
0101 = 2.57 mA output drive current
0110 = 2.27 mA output drive current
0111 = 2.0 mA output drive current
(reduced range)
1000 to 1111 = reserved
0x01
0x16
Clock phase
control
(global)
Invert DCO
clock
Open
Open
Open
Open
Open
Open
Open
0x00
0x17
DCO output
delay
(global)
Enable DCO
clock delay
Open
Open
DCO clock delay
[delay = (3100 ps × register value/31 +100)]
00000 = 100 ps
00001 = 200 ps
00010 = 300 ps
11110 = 3100 ps
11111 = 3200 ps
0x00
0x18
Input span
select
(global)
Open
Open
Open
Full-scale input voltage selection
01111 = 2.087 V p-p
00001 = 1.772 V p-p
00000 = 1.75 V p-p (default)
11111 = 1.727 V p-p
10000 = 1.383 V p-p
0x00
Full-scale input
adjustment in
0.022 V steps
0x19
User Test
Pattern 1 LSB
(global)
User Test Pattern 1[7:0]
0x00
0x1A
User Test
Pattern 1
MSB (global)
User Test Pattern 1[15:8]
0x00
0x1B
User Test
Pattern 2 LSB
(global)
User Test Pattern 2[7:0]
0x00
0x1C
User Test
Pattern 2
MSB (global)
User Test Pattern 2[15:8]
0x00


Similar Part No. - AD6643

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6643 AD-AD6643 Datasheet
1Mb / 41P
Dual IF Receiver
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 41P
Dual IF Receiver
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 41P
Dual IF Receiver
More results

Similar Description - AD6643

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
1.8 V Low-Voltage Narrowband FM-IF System
logo
Texas Instruments
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
logo
Analog Devices
AD6642 AD-AD6642 Datasheet
1Mb / 32P
Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
Dual IF Receiver
REV. A
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
Low IF Receiver Reference Design
logo
Analog Devices
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
1.8 V Dual Analog-to-Digital Converter (ADC)
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com