Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6643 Datasheet(PDF) 25 Page - Analog Devices

Part # AD6643
Description  Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6643 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD6643 Datasheet HTML 21Page - Analog Devices AD6643 Datasheet HTML 22Page - Analog Devices AD6643 Datasheet HTML 23Page - Analog Devices AD6643 Datasheet HTML 24Page - Analog Devices AD6643 Datasheet HTML 25Page - Analog Devices AD6643 Datasheet HTML 26Page - Analog Devices AD6643 Datasheet HTML 27Page - Analog Devices AD6643 Datasheet HTML 28Page - Analog Devices AD6643 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
AD6643
Rev. 0 | Page 25 of 36
33% BW MODE (>60 MHZ AT 184.32 MSPS)
The second bandwidth mode offers excellent noise performance
over 33% of the ADC sample rate (66% of the Nyquist band)
and can be centered by setting the NSR mode bits in the NSR
control register (Address 0x3C) to 001. In this mode, the useful
frequency range can be set using the 6-bit tuning word in the
NSR tuning register (Address 0x3E). There are 34 possible
tuning words (TW); each step is 0.5% of the ADC sample rate.
The following three equations describe the left band edge (f0),
the channel center (fCENTER), and the right band edge (f1),
respectively:
f0 = fADC × .005 × TW
fCENTER = f0 + 0.165 × fADC
f1 = f0 + 0.33 × fADC
Figure 42 to Figure 44 show the typical spectrum that can be
expected from the AD6643 in the 33% BW mode for three
different tuning words.
0
–20
–40
–60
–80
–100
–120
–140
10
0
2030
40
50
60
708090
FREQUENCY (Hz)
200MSPS
140.1MHz @ –1.6dBFS
SNR = 71.3dB (72.9dBFS)
SFDR = 86dBc (IN BAND)
Figure 42. 33% BW Mode, Tuning Word = 5
0
–20
–40
–60
–80
–100
–120
–140
10
0
2030
40
50
60
708090
FREQUENCY (Hz)
200MSPS
140.1MHz @ –1.6dBFS
SNR = 71.4dB (73dBFS)
SFDR = 86dBc (IN BAND)
Figure 43. 33% BW Mode, Tuning Word = 17 (fS/4 Tuning)
0
–20
–40
–60
–80
–100
–120
–140
10
0
2030
40
50
60
708090
FREQUENCY (Hz)
200MSPS
140.1MHz @ –1.6dBFS
SNR = 71.2dB (72.8dBFS)
SFDR = 86dBc (IN BAND)
Figure 44. 33% BW Mode, Tuning Word = 27


Similar Part No. - AD6643

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6643 AD-AD6643 Datasheet
1Mb / 41P
Dual IF Receiver
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 41P
Dual IF Receiver
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 41P
Dual IF Receiver
More results

Similar Description - AD6643

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
1.8 V Low-Voltage Narrowband FM-IF System
logo
Texas Instruments
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
logo
Analog Devices
AD6642 AD-AD6642 Datasheet
1Mb / 32P
Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
Dual IF Receiver
REV. A
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
Low IF Receiver Reference Design
logo
Analog Devices
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
1.8 V Dual Analog-to-Digital Converter (ADC)
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com