Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6643 Datasheet(PDF) 23 Page - Analog Devices

Part # AD6643
Description  Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6643 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD6643 Datasheet HTML 19Page - Analog Devices AD6643 Datasheet HTML 20Page - Analog Devices AD6643 Datasheet HTML 21Page - Analog Devices AD6643 Datasheet HTML 22Page - Analog Devices AD6643 Datasheet HTML 23Page - Analog Devices AD6643 Datasheet HTML 24Page - Analog Devices AD6643 Datasheet HTML 25Page - Analog Devices AD6643 Datasheet HTML 26Page - Analog Devices AD6643 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
AD6643
Rev. 0 | Page 23 of 36
power-down, the output drivers are placed in a high impedance
state. Asserting the PDWN pin low returns the AD6643 to its
normal operating mode. Note that PDWN is referenced to the
digital output driver supply (DRVDD) and should not exceed
that supply voltage.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. Internal capacitors are discharged when entering power-
down mode and then must be recharged when returning to normal
operation. As a result, wake-up time is related to the time spent
in power-down mode, and shorter power-down cycles result in
proportionally shorter wake-up times.
When using the SPI port interface, the user can place the ADC
in power-down mode or standby mode. Standby mode allows
the user to keep the internal reference circuitry powered when
faster wake-up times are required. See the Memory Map Register
Description section and the AN-877 Application Note, Interfacing
to High Speed ADCs via SPI, available at www.analog.com for
additional details.
DIGITAL OUTPUTS
The AD6643 output drivers can be configured for either ANSI
LVDS or reduced drive LVDS using a 1.8 V DRVDD supply.
As detailed in the AN-877 Application Note, Interfacing to High
Speed ADCs via SPI, the data format can be selected for offset
binary, twos complement, or gray code when using the SPI
control.
Digital Output Enable Function (OEB)
The AD6643 has a flexible three-state ability for the digital
output pins. The three-state mode is enabled using the OEB pin
or through the SPI interface. If the OEB pin is low, the output
data drivers are enabled. If the OEB pin is high, the output data
drivers are placed in a high impedance state. This OEB function
is not intended for rapid access to the data bus. Note that OEB
is referenced to the digital output driver supply (DRVDD) and
should not exceed that supply voltage.
When using the SPI interface, the data outputs of each channel
can be independently three-stated by using the output disable
bar bit (Bit 4) in Register 0x14. Because the output data is inter-
leaved, if only one of the two channels is disabled, the data from
the remaining channel is repeated in both the rising and falling
output clock cycles.
Timing
The AD6643 provides latched data with a pipeline delay of 10 input
sample clock cycles. Data outputs are available one propagation
delay (tPD) after the rising edge of the clock signal.
To reduce transients within the AD6643, minimize the length of
the output data lines and loads that are placed on them. These
transients can degrade converter dynamic performance.
The lowest typical conversion rate of the AD6643 is 40 MSPS. At
clock rates below 40 MSPS, dynamic performance can degrade.
Data Clock Output (DCO)
The AD6643 also provides data clock output (DCO) intended for
capturing the data in an external register. Figure 2 shows a
graphical timing diagram of the AD6643 output modes.
Table 11. Output Data Format
Input (V)
VIN+ − VIN−,
Input Span = 1.75 V p-p (V)
Offset Binary Output Mode
Twos Complement Mode (Default)
OR
VIN+ − VIN−
Less than −0.875
000 0000 0000
100 0000 0000
1
VIN+ − VIN−
−0.875
000 0000 0000
100 0000 0000
0
VIN+ − VIN−
0
100 0000 0000
000 0000 0000
0
VIN+ − VIN−
+ 0.875
111 1111 1111
011 1111 1111
0
VIN+ − VIN−
Greater than + 0.875
111 1111 1111
011 1111 1111
1


Similar Part No. - AD6643

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6643 AD-AD6643 Datasheet
1Mb / 41P
Dual IF Receiver
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 41P
Dual IF Receiver
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 41P
Dual IF Receiver
More results

Similar Description - AD6643

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
1.8 V Low-Voltage Narrowband FM-IF System
logo
Texas Instruments
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
logo
Analog Devices
AD6642 AD-AD6642 Datasheet
1Mb / 32P
Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
Dual IF Receiver
REV. A
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
Low IF Receiver Reference Design
logo
Analog Devices
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
1.8 V Dual Analog-to-Digital Converter (ADC)
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com