Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6643 Datasheet(PDF) 22 Page - Analog Devices

Part # AD6643
Description  Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6643 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD6643 Datasheet HTML 18Page - Analog Devices AD6643 Datasheet HTML 19Page - Analog Devices AD6643 Datasheet HTML 20Page - Analog Devices AD6643 Datasheet HTML 21Page - Analog Devices AD6643 Datasheet HTML 22Page - Analog Devices AD6643 Datasheet HTML 23Page - Analog Devices AD6643 Datasheet HTML 24Page - Analog Devices AD6643 Datasheet HTML 25Page - Analog Devices AD6643 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD6643
Rev. 0 | Page 22 of 36
0.1µF
0.1µF
0.1µF
0.1µF
100Ω
PECL DRIVER
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx
ADC
Figure 36. Differential LVDS Sample Clock (Up to 625 MHz)
Input Clock Divider
The AD6643 contains an input clock divider with the ability to
divide the input clock by integer values between 1 and 8. The
duty cycle stabilizer (DCS) is enabled by default on power-up.
The AD6643 clock divider can be synchronized using the external
SYNC input. Bit 1 and Bit 2 of Register 0x3A allow the clock
divider to be resynchronized on every SYNC signal or only on
the first SYNC signal after the register is written. A valid SYNC
causes the clock divider to reset to its initial state. This synchro-
nization feature allows multiple parts to have their clock dividers
aligned to guarantee simultaneous input sampling.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals and, as a result, may be sensitive to
clock duty cycle. Commonly, a ±5% tolerance is required on the
clock duty cycle to maintain dynamic performance characteristics.
The AD6643 contains a duty cycle stabilizer (DCS) that retimes
the nonsampling (falling) edge, thereby providing an internal
clock signal with a nominal 50% duty cycle. This allows the user
to provide a wide range of clock input duty cycles without affecting
the performance of the AD6643.
Jitter on the rising edge of the input clock is of paramount concern
and is not reduced by the duty cycle stabilizer. The duty cycle
control loop does not function for clock rates of less than 40 MHz
nominally. The loop has a time constant associated with it that
must be considered when the clock rate can change dynamically.
A wait time of 1.5 μs to 5 μs is required after a dynamic clock
frequency increase or decrease before the DCS loop is relocked
to the input signal. During the time period that the loop is not
locked, the DCS loop is bypassed, and internal device timing is
dependent on the duty cycle of the input clock signal. In such
applications, it may be appropriate to disable the DCS. In all other
applications, enabling the DCS circuit is recommended to
maximize ac performance.
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of
the clock input. The degradation in SNR at a given input frequency
(fIN) due to jitter (tJ) can be calculated by
SNRHF = −10 log[(2π × fIN × tJRMS)2 + 10
]
)
10
/
(
LF
SNR
In the equation, the rms aperture jitter represents the root mean
square of all jitter sources, which include the clock input, the
analog input signal, and the ADC aperture jitter specification. IF
undersampling applications are particularly sensitive to jitter,
as shown in Figure 37.
80
75
70
65
60
55
50
1
10
100
1k
INPUT FREQUENCY (MHz)
0.05ps
0.20ps
0.50ps
1.00ps
1.50ps
MEASURED
Figure 37. SNR vs. Input Frequency and Jitter
In cases where aperture jitter may affect the dynamic range of the
AD6643, treat the clock input as an analog signal. Separate
power supplies for clock drivers from the ADC output driver
supplies to avoid modulating the clock signal with digital noise.
Low jitter, crystal controlled oscillators make the best clock
sources. If the clock is generated from another type of source (by
gating, dividing, or another method), it should be retimed by the
original clock at the last step.
Refer to the AN-501 Application Note, Aperture Uncertainty and
ADC System Performance, and the AN-756 Application Note,
Sample Systems and the Effects of Clock Phase Noise and Jitter,
for more information about jitter performance as it relates to ADCs
(see www.analog.com).
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 38, the power dissipated by the AD6643 is
proportional to its sample rate. The data in Figure 38 was taken
using the same operating conditions as those used for the Typical
Performance Characteristics.
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.25
0.20
0.15
0.10
0.05
0
0
40
60
80
100
120
140
160
180
200
ENCODE FREQUENCY (MSPS)
TOTAL POWER
IAVDD
IDRVDD
Figure 38. AD6643 Power and Current vs. Sample Rate
By asserting PDWN (either through the SPI port or by asserting
the PDWN pin high), the AD6643 is placed in power-down
mode. In this state, the ADC typically dissipates 10 mW. During


Similar Part No. - AD6643

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6643 AD-AD6643 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 40P
   Dual IF Receiver
REV. C
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 41P
   Dual IF Receiver
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 40P
   Dual IF Receiver
REV. C
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 41P
   Dual IF Receiver
More results

Similar Description - AD6643

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
   Low IF Receiver Reference Design
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. C
logo
Texas Instruments
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
[Old version datasheet]   1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
logo
Analog Devices
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
logo
Sanyo Semicon Device
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
   1.8 V Low-Voltage Narrowband FM-IF System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com