Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6643 Datasheet(PDF) 20 Page - Analog Devices

Part # AD6643
Description  Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6643 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD6643 Datasheet HTML 16Page - Analog Devices AD6643 Datasheet HTML 17Page - Analog Devices AD6643 Datasheet HTML 18Page - Analog Devices AD6643 Datasheet HTML 19Page - Analog Devices AD6643 Datasheet HTML 20Page - Analog Devices AD6643 Datasheet HTML 21Page - Analog Devices AD6643 Datasheet HTML 22Page - Analog Devices AD6643 Datasheet HTML 23Page - Analog Devices AD6643 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AD6643
Rev. 0 | Page 20 of 36
decoupling capacitor close to the VCM pin to minimize series
resistance and inductance between the device and this capacitor.
Differential Input Configurations
Optimum performance is achieved by driving the AD6643 in a
differential input configuration. For baseband applications, the
AD8138, ADA4937-2, ADA4930-2, and ADA4938-2 differential
drivers provide excellent performance and a flexible interface to
the ADC.
The output common-mode voltage of the ADA4938-2 is easily
set with the VCM pin of the AD6643 (see Figure 28), and the
driver can be configured in a Sallen-Key filter topology to
provide band limiting of the input signal.
76.8Ω
120Ω
0.1µF
0.1µF
200Ω
200Ω
90Ω
VIN
AVDD
33Ω
33Ω
33Ω
15Ω
15Ω
5pF
15pF
15pF
ADC
VIN–
VIN+
VCM
ADA4930-2
Figure 28. Differential Input Configuration Using the ADA4930-2
For baseband applications where SNR is a key parameter,
differential transformer coupling is the recommended input
configuration, as shown in Figure 29. To bias the analog input,
the VCM voltage can be connected to the center tap of the
secondary winding of the transformer.
2V p-p
49.9Ω
0.1µF
R1
R1
C1
ADC
VIN+
VIN–
VCM
C2
R2
R3
R2
C2
R3
0.1µF
33Ω
Figure 29. Differential Transformer-Coupled Configuration
The signal characteristics must be considered when selecting
a transformer. Most RF transformers saturate at frequencies
below a few megahertz (MHz). Excessive signal power can also
cause core saturation, which leads to distortion.
At input frequencies in the second Nyquist zone and above, the
noise performance of most amplifiers is not adequate to achieve
the true SNR performance of the AD6643. For applications where
SNR is a key parameter, differential double balun coupling is
the recommended input configuration (see Figure 30). In this
configuration, the input is ac-coupled, and the CML is provided
to each input through a 33 Ω resistor. These resistors compensate
for losses in the input baluns to provide a 50 Ω impedance to
the driver.
In the double balun and transformer configurations, the value of
the input capacitors and resistors is dependent on the input fre-
quency and source impedance. Based on these parameters the
value of the input resistors and capacitors may need to be adjusted,
or some components may need to be removed. Table 10 lists
recommended values to set the RC network for different input
frequency ranges. However, because these values are dependent
on the input signal and bandwidth, they are to be used as a
starting guide only. Note that the values given in Table 10 are
for each R1, R2, C2, and R3 component shown in Figure 29 and
Figure 30.
Table 10. Example RC Network
Frequency
Range
(MHz)
R1 Series
(Ω)
C1
Differential
(pF)
R2 Series
(Ω)
C2
Shunt
(pF)
R3
Shunt
(Ω)
0 to 100
33
8.2
0
15
49.9
100 to 300
15
3.9
0
8.2
49.9
An alternative to using a transformer-coupled input at frequencies
in the second Nyquist zone is to use an amplifier with variable
gain. The AD8375 or AD8376 digital variable gain amplifiers
(DVGAs) provide good performance for driving the AD6643.
Figure 31 shows an example of the AD8376 driving the AD6643
through a band-pass antialiasing filter.
ADC
R1
0.1µF
0.1µF
2V p-p
VIN+
VIN–
VCM
C1
C2
R1
R2
R2
0.1µF
S
0.1µF
C2
33Ω
33Ω
S
PA
P
R3
R3
0.1µF
33Ω
Figure 30. Differential Double Balun Input Configuration


Similar Part No. - AD6643

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6643 AD-AD6643 Datasheet
1Mb / 41P
Dual IF Receiver
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 41P
Dual IF Receiver
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 41P
Dual IF Receiver
More results

Similar Description - AD6643

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
1.8 V Low-Voltage Narrowband FM-IF System
logo
Texas Instruments
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
logo
Analog Devices
AD6642 AD-AD6642 Datasheet
1Mb / 32P
Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
Dual IF Receiver
REV. A
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
Low IF Receiver Reference Design
logo
Analog Devices
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
1.8 V Dual Analog-to-Digital Converter (ADC)
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com