Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6643 Datasheet(PDF) 18 Page - Analog Devices

Part # AD6643
Description  Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6643 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6643 Datasheet HTML 14Page - Analog Devices AD6643 Datasheet HTML 15Page - Analog Devices AD6643 Datasheet HTML 16Page - Analog Devices AD6643 Datasheet HTML 17Page - Analog Devices AD6643 Datasheet HTML 18Page - Analog Devices AD6643 Datasheet HTML 19Page - Analog Devices AD6643 Datasheet HTML 20Page - Analog Devices AD6643 Datasheet HTML 21Page - Analog Devices AD6643 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AD6643
Rev. 0 | Page 18 of 36
EQUIVALENT CIRCUITS
VIN
AVDD
Figure 20. Equivalent Analog Input Circuit
0.9V
15kΩ
15kΩ
CLK+
CLK–
AVDD
AVDD
AVDD
Figure 21. Equivalent Clock lnput Circuit
DRVDD
DATAOUT+
V–
V+
DATAOUT–
V+
V–
Figure 22. Equivalent LVDS Output Circuit
SDIO
350Ω
26kΩ
DRVDD
Figure 23. Equivalent SDIO Circuit
SCLK
OR
PDWN
350
26k
Figure 24. Equivalent SCLK or PDWN Input Circuit
CSB
OR
OEB
350Ω
26kΩ
AVDD
Figure 25. Equivalent CSB or OEB Input Circuit
AVDD
AVDD
16kΩ
0.9V
0.9V
SYNC
Figure 26. Equivalent SYNC Input Circuit


Similar Part No. - AD6643

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6643 AD-AD6643 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 40P
   Dual IF Receiver
REV. C
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 41P
   Dual IF Receiver
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 40P
   Dual IF Receiver
REV. C
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 41P
   Dual IF Receiver
More results

Similar Description - AD6643

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
   Low IF Receiver Reference Design
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. C
logo
Texas Instruments
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
[Old version datasheet]   1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
logo
Analog Devices
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
logo
Sanyo Semicon Device
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
   1.8 V Low-Voltage Narrowband FM-IF System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com