Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6643 Datasheet(PDF) 17 Page - Analog Devices

Part # AD6643
Description  Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6643 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD6643 Datasheet HTML 13Page - Analog Devices AD6643 Datasheet HTML 14Page - Analog Devices AD6643 Datasheet HTML 15Page - Analog Devices AD6643 Datasheet HTML 16Page - Analog Devices AD6643 Datasheet HTML 17Page - Analog Devices AD6643 Datasheet HTML 18Page - Analog Devices AD6643 Datasheet HTML 19Page - Analog Devices AD6643 Datasheet HTML 20Page - Analog Devices AD6643 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
AD6643
Rev. 0 | Page 17 of 36
100
95
90
85
80
75
70
65
60
130 140 150 160
120
110
100
90
80
70
60
50
40
170 180 190 200
SAMPLE RATE (MSPS)
SNR, CHANNEL B
SFDR, CHANNEL B
SNR, CHANNEL A
SFDR, CHANNEL A
Figure 18. Single Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 90.1 MHz
12,000
10,000
8000
6000
4000
2000
0
N + 1
N
OUTPUT CODE
0.614LSB rms
16,384 TOTAL HITS
Figure 19. Grounded Input Histogram


Similar Part No. - AD6643

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6643 AD-AD6643 Datasheet
1Mb / 41P
Dual IF Receiver
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 41P
Dual IF Receiver
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 41P
Dual IF Receiver
More results

Similar Description - AD6643

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
1.8 V Low-Voltage Narrowband FM-IF System
logo
Texas Instruments
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
logo
Analog Devices
AD6642 AD-AD6642 Datasheet
1Mb / 32P
Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
Dual IF Receiver
REV. A
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
Low IF Receiver Reference Design
logo
Analog Devices
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
1.8 V Dual Analog-to-Digital Converter (ADC)
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com