Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6643 Datasheet(PDF) 12 Page - Analog Devices

Part # AD6643
Description  Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6643 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6643 Datasheet HTML 8Page - Analog Devices AD6643 Datasheet HTML 9Page - Analog Devices AD6643 Datasheet HTML 10Page - Analog Devices AD6643 Datasheet HTML 11Page - Analog Devices AD6643 Datasheet HTML 12Page - Analog Devices AD6643 Datasheet HTML 13Page - Analog Devices AD6643 Datasheet HTML 14Page - Analog Devices AD6643 Datasheet HTML 15Page - Analog Devices AD6643 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD6643
Rev. 0 | Page 12 of 36
Pin No.
Mnemonic
Type
Description
27
D4+
Output
Channel A/Channel B LVDS Output Data 4—True.
26
D4−
Output
Channel A/Channel B LVDS Output Data 4—Complement.
30
D5+
Output
Channel A/Channel B LVDS Output Data 5—True.
29
D5−
Output
Channel A/Channel B LVDS Output Data 5—Complement.
32
D6+
Output
Channel A/Channel B LVDS Output Data 6—True.
31
D6−
Output
Channel A/Channel B LVDS Output Data 6—Complement.
34
D7+
Output
Channel A/Channel B LVDS Output Data 7—True.
33
D7−
Output
Channel A/Channel B LVDS Output Data 7—Complement.
36
D8+
Output
Channel A/Channel B LVDS Output Data 8—True.
35
D8−
Output
Channel A/Channel B LVDS Output Data 8—Complement.
39
D9+
Output
Channel A/Channel B LVDS Output Data 9—True.
38
D9−
Output
Channel A/Channel B LVDS Output Data 9—Complement.
41
D10+ (MSB)
Output
Channel A/Channel B LVDS Output Data 10—True.
40
D10− (MSB)
Output
Channel A/Channel B LVDS Output Data 10—Complement.
43
OR+
Output
Channel A/Channel B LVDS Overrange—True.
42
OR−
Output
Channel A/Channel B LVDS Overrange—Complement.
25
DCO+
Output
Channel A/Channel B LVDS Data Clock Output—True.
24
DCO−
Output
Channel A/Channel B LVDS Data Clock Output—Complement.
SPI Control
45
SCLK
Input
SPI Serial Clock. The serial shift clock input, which is used to synchronize
serial interface reads and writes.
44
SDIO
Input/Output
SPI Serial Data I/O. A dual purpose pin that typically serves as an input or
an output, depending on the instruction being sent and the relative
position in the timing frame.
46
CSB
Input
Chip Select Bar (Active Low). CSB gates the read and write cycles.
Output Enable and Power-Down
47
OEB
Input/Output
Output Enable Input (Active Low).
48
PDWN
Input/Output
Power-Down Input (Active High). The operation of this pin depends on
the SPI mode and can be configured as power-down or standby (see
Table 14).


Similar Part No. - AD6643

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6643 AD-AD6643 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 40P
   Dual IF Receiver
REV. C
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 41P
   Dual IF Receiver
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 40P
   Dual IF Receiver
REV. C
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 41P
   Dual IF Receiver
More results

Similar Description - AD6643

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
   Low IF Receiver Reference Design
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. C
logo
Texas Instruments
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
[Old version datasheet]   1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
logo
Analog Devices
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
logo
Sanyo Semicon Device
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
   1.8 V Low-Voltage Narrowband FM-IF System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com