Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6643 Datasheet(PDF) 5 Page - Analog Devices

Part # AD6643
Description  Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6643 Datasheet(HTML) 5 Page - Analog Devices

  AD6643 Datasheet HTML 1Page - Analog Devices AD6643 Datasheet HTML 2Page - Analog Devices AD6643 Datasheet HTML 3Page - Analog Devices AD6643 Datasheet HTML 4Page - Analog Devices AD6643 Datasheet HTML 5Page - Analog Devices AD6643 Datasheet HTML 6Page - Analog Devices AD6643 Datasheet HTML 7Page - Analog Devices AD6643 Datasheet HTML 8Page - Analog Devices AD6643 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD6643
Rev. 0 | Page 5 of 36
ADC AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.75 V p-p full-scale input range, default SPI,
unless otherwise noted.
Table 2.
Parameter1
Temperature
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)
NSR Disabled
fIN = 30 MHz
25°C
66.6
dBFS
fIN = 90 MHz
25°C
66.5
dBFS
Full
66.2
dBFS
fIN = 140 MHz
25°C
66.4
dBFS
fIN = 185 MHz
25°C
66.2
dBFS
fIN = 220 MHz
25°C
66.0
dBFS
NSR Enabled
22% BW Mode
fIN = 90 MHz
25°C
76.1
dBFS
fIN = 140 MHz
25°C
75.5
dBFS
fIN = 185 MHz
25°C
74.7
dBFS
fIN = 220 MHz
25°C
74.2
dBFS
33% BW Mode
fIN = 90 MHz
25°C
73.6
dBFS
fIN = 140 MHz
25°C
73.1
dBFS
fIN = 185 MHz
25°C
72.6
dBFS
fIN = 220 MHz
25°C
72.1
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION (SINAD)
fIN = 30 MHz
25°C
65.6
dBFS
fIN = 90 MHz
25°C
65.5
dBFS
Full
65.1
dBFS
fIN = 140 MHz
25°C
65.3
dBFS
fIN = 185 MHz
25°C
65.1
dBFS
fIN = 220 MHz
25°C
64.9
dBFS
WORST SECOND OR THIRD HARMONIC
fIN = 30 MHz
25°C
−92
dBc
fIN = 90 MHz
25°C
−91
dBc
Full
−80
dBc
fIN = 140 MHz
25°C
−88
dBc
fIN = 185 MHz
25°C
−88
dBc
fIN = 220 MHz
25°C
−84
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 30 MHz
25°C
92
dBc
fIN = 90 MHz
25°C
91
dBc
Full
80
dBc
fIN = 140 MHz
25°C
88
dBc
fIN = 185 MHz
25°C
88
dBc
fIN = 220 MHz
25°C
84
dBc
WORST OTHER HARMONIC OR SPUR
fIN = 30 MHz
25°C
−94
dBc
fIN = 90 MHz
25°C
−94
dBc
Full
−80
dBc
fIN = 140 MHz
25°C
−95
dBc
fIN = 185 MHz
25°C
−94
dBc
fIN = 220 MHz
25°C
−93
dBc


Similar Part No. - AD6643

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6643 AD-AD6643 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 40P
   Dual IF Receiver
REV. C
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 41P
   Dual IF Receiver
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 40P
   Dual IF Receiver
REV. C
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 41P
   Dual IF Receiver
More results

Similar Description - AD6643

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
   Low IF Receiver Reference Design
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. C
logo
Texas Instruments
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
[Old version datasheet]   1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
logo
Analog Devices
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
logo
Sanyo Semicon Device
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
   1.8 V Low-Voltage Narrowband FM-IF System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com