Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

300FR Datasheet(PDF) 3 Page - Make-Ps

Part # 300FR
Description  Single & Dual Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

300FR Datasheet(HTML) 3 Page - Make-Ps

  300FR Datasheet HTML 1Page - Make-Ps 300FR Datasheet HTML 2Page - Make-Ps 300FR Datasheet HTML 3Page - Make-Ps 300FR Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
H
HO
OW
W T
TO
O
O
ORRD
DE
ER
R
3 12
D
XX
FR -
Output Voltage
Series
H
HO
OW
W
T
TO
O
O
ORRD
DE
ER
R
M
MO
OD
DE
ELL
S
SEELLEECCTTIIO
ON
N
C
CH
HA
AR
RT
T
Model
Nominal
Input
Voltage
(VDC)
Output
Voltage
(VDC)
Full Load
Output
Current
(mA)
No Load
Input
Current
(mA)
Full Load
Input
Current
(mA)
Reflected
Ripple
Current
(mA)
Efficiency
@FL
(%)
305S5FR
312S5FR
315S5FR
312D5FR
315D5FR
305S12FR
312S12FR
315S12FR
312D12FR
315D12FR
305S24FR
312S24FR
315S24FR
312D24FR
315D24FR
305S48FR
312S48FR
315S48FR
312D48FR
315D48FR
5
5
5
5
5
12
12
12
12
12
24
24
24
24
24
48
48
48
48
48
5
12
15
±12
±15
5
12
15
±12
±15
5
12
15
±12
±15
5
12
15
±12
±15
600
250
200
±125
±100
600
250
200
±125
±100
600
250
200
±125
±100
600
250
200
±125
±100
100
100
100
100
100
50
50
50
50
50
25
25
25
25
25
15
15
15
15
15
1000
960
960
1000
1000
420
400
400
420
420
210
195
195
210
210
105
100
100
105
105
100
100
100
100
100
40
40
40
40
40
25
25
25
25
25
15
15
15
15
15
60
62
62
60
60
60
62
62
60
60
60
64
64
60
60
60
62
62
60
60
Output
Configuration
(S=Single, D=Dual)
Wattage
Nominal
Input Range
Y
ROHS Compliant
>> B-50
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 300FR

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
300F2 NJSEMI-300F2 Datasheet
61Kb / 1P
   Ultra-Fast Recovery
300F2 NJSEMI-300F2 Datasheet
61Kb / 1P
   Rectifiers Ultra-Fast Recovery
More results

Similar Description - 300FR

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com