Electronic Components Datasheet Search |
|
SC16IS740 Datasheet(PDF) 15 Page - NXP Semiconductors |
|
SC16IS740 Datasheet(HTML) 15 Page - NXP Semiconductors |
15 / 63 page SC16IS740_750_760 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 7 — 9 June 2011 15 of 63 NXP Semiconductors SC16IS740/750/760 Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR 7.5 Interrupts The SC16IS740/750/760 has interrupt generation and prioritization (seven prioritized levels of interrupts) capability. The interrupt enable registers (IER and IOIntEna) enable each of the seven types of interrupts and the IRQ signal in response to an interrupt generation. When an interrupt is generated, the IIR indicates that an interrupt is pending and provides the type of interrupt through IIR[5:0]. Table 6 summarizes the interrupt control functions. [1] Available only on SC16IS750/SC16IS760. It is important to note that for the framing error, parity error, and break conditions, LSR[7] generates the interrupt. LSR[7] is set when there is an error anywhere in the RX FIFO, and is cleared only when there are no more errors remaining in the FIFO. LSR[4:2] always represent the error status for the received character at the top of the RX FIFO. Reading the RX FIFO updates LSR[4:2] to the appropriate status for the new character at the top of the FIFO. If the RX FIFO is empty, then LSR[4:2] are all zeros. For the Xoff interrupt, if an Xoff flow character detection caused the interrupt, the interrupt is cleared by an Xon flow character detection. If a special character detection caused the interrupt, the interrupt is cleared by a read of the IIR. Fig 12. Start-up time oscillator starts stable clocks 002aaf521 tstartup voltage (V) time (ms) XTAL1 VIH 0 V Table 6. Summary of interrupt control functions IIR[5:0] Priority level Interrupt type Interrupt source 00 0001 none none none 00 0110 1 receiver line status OE, FE, PE, or BI errors occur in characters in the RX FIFO 00 1100 2 RX time-out Stale data in RX FIFO 00 0100 2 RHR interrupt Receive data ready (FIFO disable) or RX FIFO above trigger level (FIFO enable) 00 0010 3 THR interrupt Transmit FIFO empty (FIFO disable) or TX FIFO passes above trigger level (FIFO enable) 00 0000 4 modem status[1] Change of state of modem input pins 11 0000 5 I/O pins[1] Input pins change of state 01 0000 6 Xoff interrupt Receive Xoff character(s)/ special character 10 0000 7 CTS, RTS RTS pin or CTS pin change state from active (LOW) to inactive (HIGH) |
Similar Part No. - SC16IS740_11 |
|
Similar Description - SC16IS740_11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |