Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16IS740 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # SC16IS740
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS740 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button SC16IS740_11 Datasheet HTML 55Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 56Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 57Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 58Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 59Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 60Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 61Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 62Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 63Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 60 / 63 page
background image
SC16IS740_750_760
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 9 June 2011
60 of 63
NXP Semiconductors
SC16IS740/750/760
Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
19. Revision history
Table 44.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
SC16IS740_750_760 v.7
20110609
Product data sheet
-
SC16IS740_750_760 v.6
Modifications:
• Table 1 “Ordering information”:
– Added type number SC16IS740IPW/Q900.
– Added new Table note 1.
• Figure 5 “Pin configuration for TSSOP16”: added type number SC16IS740IPW/Q900
• Table 2 “Pin description”: added (new) Table note [2] and references to it at GPIO0 to
GPIO7.
Added (new) Section 7.4.2 “Power-on sequence”.
• Section 7.6 “Sleep mode”: added second, third, and fourth paragraphs following first
“Remark”.
• Section 7.8 “Programmable baud rate generator”: added second sentence to paragraph
following second “Remark”.
• Table 10 “SC16IS740/750/760 internal registers”: added (new) Table note [8] and its
reference at IOControl bit 3.
Added (new) Section 8.8 “Scratch Pad Register (SPR)”.
• Table 36 “Static characteristics”, sub-section “Inputs/outputs GPIO0 to GPIO7”: added
specification for “RPU, pull-up resistance”
• Table 38 “fXTAL dynamic characteristics”: added (new) Table note [3] and its reference at
fXTAL maximum value (at VDD =2.5 V).
SC16IS740_750_760 v.6
20080513
Product data sheet
-
SC16IS740_750_760 v.5
SC16IS740_750_760 v.5
20061116
Product data sheet
-
SC16IS740_750_760 v.4
SC16IS740_750_760 v.4
20061030
Product data sheet
-
SC16IS740_750_760 v.3
SC16IS740_750_760 v.3
20060522
Product data sheet
-
SC16IS740_750_760 v.2
SC16IS740_750_760 v.2
20060330
Product data sheet
-
SC16IS740_750_760 v.1
SC16IS740_750_760 v.1
(9397 750 14832)
20060104
Product data sheet
-
-


Similar Part No. - SC16IS740_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS740IPW PHILIPS-SC16IS740IPW Datasheet
308Kb / 62P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS740IPW NXP-SC16IS740IPW Datasheet
321Kb / 62P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
More results

Similar Description - SC16IS740_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
logo
NXP Semiconductors
SC16IS740 PHILIPS-SC16IS740 Datasheet
308Kb / 62P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS740 NXP-SC16IS740 Datasheet
321Kb / 62P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
SC16IS752 NXP-SC16IS752 Datasheet
303Kb / 59P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 07-19 May 2008
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16IS741A NXP-SC16IS741A Datasheet
505Kb / 55P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 1??8 March 2013
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com