Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16IS740 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC16IS740
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS740 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC16IS740_11 Datasheet HTML 17Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 18Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 19Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 20Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 21Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 22Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 23Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 24Page - NXP Semiconductors SC16IS740_11 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 10.
SC16IS740/750/760 internal registers
Register
address
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R/W
General register set[1]
0x00
RHR
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R
0x00
THR
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
W
0x01
IER
CTS
interrupt
enable[2]
RTS interrupt
enable[2]
Xoff[2]
Sleep mode[2]
modem status
interrupt
receive line
status interrupt
THR empty
interrupt
RX data
available
interrupt
R/W
0x02
FCR
RX trigger
level (MSB)
RX trigger
level (LSB)
TX trigger
level (MSB)[2]
TX trigger
level (LSB)[2]
reserved[3]
TX FIFO
reset[4]
RX FIFO
reset[4]
FIFO enable
W
0x02
IIR[5]
FIFO enable
FIFO enable
interrupt
priority bit 4[2]
interrupt
priority bit 3[2]
interrupt
priority bit 2
interrupt
priority bit 1
interrupt
priority bit 0
interrupt status
R
0x03
LCR
Divisor Latch
Enable
set break
set parity
even parity
parity enable
stop bit
word length
bit 1
word length
bit 0
R/W
0x04
MCR
clock
divisor[2]
IrDA mode
enable[2]
Xon Any[2]
loopback
enable
reserved[3]
TCR and TLR
enable[2]
RTS
DTR/(IO5)[6]
R/W
0x05
LSR
FIFO data
error
THR and
TSR empty
THR empty
break interrupt framing error
parity error
overrun error
data in receiver R
0x06
MSR
CD/(IO6)[6]
RI/(IO7)[6]
DSR/ (IO4)[6]
CTS
CD/ (IO6)[6]
RI/(IO7)[6]
DSR/ (IO4)[6] CTS
R
0x07
SPR
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x06
TCR[7]
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x07
TLR[7]
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x08
TXLVL
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R
0x09
RXLVL
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R
0x0A
IODir[6]
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x0B
IOState[6]
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x0C
IOIntEna[6]
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x0D
reserved[3]
reserved[3]
reserved[3]
reserved[3]
reserved[3]
reserved[3]
reserved[3]
reserved[3]
reserved[3]
0x0E
IOControl[6]
reserved[3]
reserved[3]
reserved[3]
reserved[3]
UART
software
reset[8]
reserved[3]
I/O[7:4] or RI,
CD, DTR, DSR
latch
R/W
0x0F
EFCR
IrDA mode
(slow/ fast)[9]
reserved[3]
auto RS-485
RTS output
inversion
auto RS-485
RTS direction
control
reserved[3]
transmitter
disable
receiver
disable
9-bit mode
enable
R/W


Similar Part No. - SC16IS740_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS740IPW PHILIPS-SC16IS740IPW Datasheet
308Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS740IPW NXP-SC16IS740IPW Datasheet
321Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
More results

Similar Description - SC16IS740_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS740 NXP-SC16IS740 Datasheet
321Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 06-13 May 2008
SC16IS741A NXP-SC16IS741A Datasheet
505Kb / 55P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 1??8 March 2013
SC16IS740 PHILIPS-SC16IS740 Datasheet
308Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS752 NXP-SC16IS752 Datasheet
303Kb / 59P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 07-19 May 2008
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
   Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
   I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
logo
NXP Semiconductors
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com