Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1213D_1106 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # ADC1213D_1106
Description  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1213D_1106 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button ADC1213D_1106 Datasheet HTML 2Page - NXP Semiconductors ADC1213D_1106 Datasheet HTML 3Page - NXP Semiconductors ADC1213D_1106 Datasheet HTML 4Page - NXP Semiconductors ADC1213D_1106 Datasheet HTML 5Page - NXP Semiconductors ADC1213D_1106 Datasheet HTML 6Page - NXP Semiconductors ADC1213D_1106 Datasheet HTML 7Page - NXP Semiconductors ADC1213D_1106 Datasheet HTML 8Page - NXP Semiconductors ADC1213D_1106 Datasheet HTML 9Page - NXP Semiconductors ADC1213D_1106 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
ADC1213D_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 9 June 2011
6 of 42
NXP Semiconductors
ADC1213D series
Dual 12-bit ADC; serial JESD204A interface
[1]
P: power supply; G: ground; I: input; O: output; I/O: input/output.
[2]
OTRA stands for “OuT of Range” A. OTRB stands for “OuT of Range” B
7.
Limiting values
8.
Thermal characteristics
[1]
Value for six layers board in still air with a minimum of 25 thermal vias.
9.
Static characteristics
VDDA
53
P
analog power supply 3 V
SENSE
54
I
reference programming pin
VREF
55
I/O
voltage reference input/output
VDDA
56
P
analog power supply 3 V
Table 2.
Pin description …continued
Symbol
Pin
Type [1]
Description
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA
analog supply voltage
0.4
+4.6
V
VDDD
digital supply voltage
0.4
+2.5
V
Tstg
storage temperature
55
+125
C
Tamb
ambient temperature
40
+85
C
Tj
junction temperature
-
125
C
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1] 17.8
K/W
Rth(j-c)
thermal resistance from junction to case
[1] 6.8
K/W
Table 5.
Static characteristics[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDDA
analog supply voltage
2.85
3.0
3.4
V
VDDD
digital supply voltage
1.65
1.8
1.95
V
IDDA
analog supply current
fclk = 125 Msps;
fi =70MHz
-343
-
mA
IDDD
digital supply current
fclk = 125 Msps;
fi =70MHz
-150
-
mA
Ptot
total power dissipation
fclk = 125 Msps
-
1270
-
mW
fclk = 105 Msps
-
1150
-
mW
fclk =80Msps
-
995
-
mW
fclk =65Msps
-
885
-
mW


Similar Part No. - ADC1213D_1106

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D_11 Datasheet
1Mb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
More results

Similar Description - ADC1213D_1106

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D_11 Datasheet
1Mb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
ADC1213S_1106 NXP-ADC1213S_1106 Datasheet
744Kb / 39P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
ADC1213S RENESAS-ADC1213S Datasheet
711Kb / 37P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com