Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3PCS03G Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # ICE3PCS03G
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3PCS03G Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button ICE3PCS03G Datasheet HTML 12Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 13Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 14Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 15Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 16Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 17Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 18Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 19Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 20Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
CCM-PFC
ICE3PCS03G
Electrical Characteristics
Version 2.0
16
5 May 2010
4.3.2
Variable Frequency Section
4.3.3
PWM Section
4.3.4
External Synchronization
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.
Switching Frequency (Typical)
FSWnom
62.5
65
67.5
kHz
R5 = 67k
Switching Frequency (Min.)
FSWmin
-
21
-
kHz
R5 = 212k
Switching Frequency (Max.)
FSWmax
-
250
-
kHz
R5 = 17k
Voltage at FREQ pin
VFREQ
-1
-
V
Max. Duty Cycle
Dmax
93
95
98.5
%
fSW=fSWnom
(RFRE=67kΩ)
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.
Min. Duty Cycle
DMIN
0%
VVSENSE= 2.5V
VICOMP= 4.3V
Min. Off Time
TOFFMIN
310
600
920
ns
VVSENSE= 2.5V
VISENSE= 0V
(R5 = 67k
Ω)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Detection threshold of external clock
Vthr_EXT
2.5
V
Synchronization range
fEXT_range
50
150
kHz
Synchronization frequency ratio
fEXT:fPFC
1:1
propagation delay from rising edge of
external clock to falling edge of PFC
gate drive
TEXT2GATE
500
ns
fEXT=65kHz
Allowable external duty on time
TD_on
10
70
%


Similar Part No. - ICE3PCS03G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3PCS03G INFINEON-ICE3PCS03G Datasheet
1Mb / 34P
Infineon Solution for LED TV SMPS
11.07.2008 version 1.0
More results

Similar Description - ICE3PCS03G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com