Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3PCS03G Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # ICE3PCS03G
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3PCS03G Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button ICE3PCS03G Datasheet HTML 11Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 12Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 13Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 14Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 15Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 16Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 17Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 18Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
CCM-PFC
ICE3PCS03G
Electrical Characteristics
Version 2.0
15
5 May 2010
4.2
Operating Range
Note:
Within the operating range the IC operates as described in the functional description.
4.3
Characteristics
Note:
The electrical Characteristics involve the spread of values given within the specified supply voltage and
junction temperature range TJ from -25 °C to 125 °C. Typical values represent the median values, which
are related to 25 °C. If not otherwise stated, a supply voltage of VVCC = 18V, a typical switching frequency
of ffreq=65kHz are assumed and the IC operates in active mode. Furthermore, all voltages are referring to
GND if not otherwise mentioned.
4.3.1
Supply Section
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
VCC Supply Voltage @ 25°C
VVCC
VVCC,OFF
25
V
TJ=25°C
Junction Temperature
TJ
-25
125
°C
PFC switching frequency
FPFC
21
250
kHz
Parameter
Symbol
Limit Values
Unit Note/Test Condition
Min.
Typ.
Max.
VCC Turn-On Threshold
VCCon
11.5
12
12.9
V
VCC Turn-Off Threshold/
Under Voltage Lock Out
VCCUVLO
10.5
11.0
11.9
V
VCC Turn-On/Off Hysteresis
VCChy
0.7
1
1.45
V
Start Up Current
Before VCCon
ICCstart1
-
380
680
µAV
CCon-1.2V
Start Up Current
Before VCCon
ICCstart2
-1.4
2.4
mA
VCCon-0.2V
Operating Current with active GATE
ICCHG
-6.4
8.5
mA
CL= 1nF
Operating Current during Standby
ICCStdby
-3.5
4.7
mA
VVSENSE= 0.4V
VICOMP= 4V


Similar Part No. - ICE3PCS03G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3PCS03G INFINEON-ICE3PCS03G Datasheet
1Mb / 34P
Infineon Solution for LED TV SMPS
11.07.2008 version 1.0
More results

Similar Description - ICE3PCS03G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com